Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC170 Datasheet(PDF) 2 Page - DFI Inc

Part # TPC170
Description  17 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC170 Datasheet(HTML) 2 Page - DFI Inc

  TPC170 Datasheet HTML 1Page - DFI Inc TPC170 Datasheet HTML 2Page - DFI Inc TPC170 Datasheet HTML 3Page - DFI Inc TPC170 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPC170
Specifications
3rd/2nd Gen Intel® CoreTM
17" Heavy Industrial Touch Panel PC
PROCESSOR SYSTEM
•Processors:
- 3rd generation Intel® CoreTM processors
- 2nd generation Intel® CoreTM processors
- Supports up to 65W TDP
•IntelH61Expresschipset
MEMORY
•TwoDDR31333/1600MHzSODIMMsockets(3rdgenerationprocessors)
TwoDDR31066/1333MHzSODIMMsockets(2ndgenerationprocessors)
•Supportsupto16GBsystemmemory
LCD and TOUCH SCREEN
•17”1280x1024TFTLCDpanelwithtouchscreen
•Supports5-wireResistiveTouch
•50,000MTBFLEDbacklight
•Brightness(cd/m²):380
GRAPHICS
•Intel®HDGraphics
•Displayports:HDMIandDVI-I
•HDMIandDVI-Idisplayresolutionupto1920x1200
STORAGE
•22.5"SATAdrivebays
-SATA2.0portwithdatatransferrateupto3Gb/s
•1opticaldrivebay*
ETHERNET
•1Intel®W82579LMGigabitEthernetcontroller
•1Intel®W82574LGigabitEthernetcontroller
AUDIO
•RealtekALC8865.1-channelHighDefinitionAudio
•Two3Wspeakers(leftandrightsides)
COM
•1RS232/422/485COMport
•1RS232COMport
USB
•2TypeAUSB2.0/1.1portsatthefrontpanel
•4TypeAUSB2.0/1.1portsatthebottom
I/O
•Front
- 2 Type A USB 2.0/1.1 ports
- 5functionkeys:power,volume,andbrightness
- 3LEDindicators:Power,HDD,Alarm
- 1 built-in antenna
•Bottom
-1DB-9RS232/422/485COM
-1DB-9RS232COM
-1PS/2keyboard
- 1 PS/2 mouse
- 4 Type A USB 2.0/1.1
- 3audiojacks:Mic-in,Line-in,Line-out
-2RJ45LANwithLEDs
- 1 DVI-I
- 1 HDMI
- 1 power switch
EXPANSION
•1PCIex1and1PCI(X100-3PE2)
•2PCI(X100-2P1M)
•2MiniPCIe
- Supports PCIe and USB signals for Wi-Fi module
-Supportshalf/fullsizeMiniPCIecard
POWER
•Powerinputvoltage
-Standard:ATXpowertype,AC100-240V,3.5A,250W
-Option:24VDC-in3-poleterminalblock
-Availableuponrequest:12Vand30VDC-in3-poleterminalblock
COOLING SYSTEM
•Smartfansystemcontrolsuitableforquietenvironments
ENVIRONMENT
•Temperature
-Operating:-10oC ~ 50oC
-Storage:-20oC ~ 60oC
•RelativeHumidity
-90%RHat50oC,1week
•Corrosion
-4periodsof7daysat50oCwith90-95%relativehumidityafter2hourssalt
sprayorwaiver
VIBRATION
•Operating:1G,5~500Hz
•Non-operating:1.5G,5~25Hz
•IEC68-2-64compliant
SHOCK
•Operating:3Gpeakacceleration(11msec.duration)
•Non-operating:10Gpeakacceleration(11msec.duration)
•IEC68-2-27compliant
FRONT PANEL PROTECTION
•IP65(DustTight;WaterProofprotection)
CONSTRUCTION
•Aluminumfrontbezel
•Rearpanel:sheetmetal
MOUNTING
•VESAmount:75x75and100x100
•Wallmountbracket*
•Panelmount:mountingclamp*
DIMENSIONS
•443mmx363mmx106mm(WxHxD)
WEIGHT
•9.6kg
OS SUPPORT
•WindowsXP,WES2009,POSReady2009,Windows7,WES7
•Linux(Distributionavailableuponrequest)
CERTIFICATION
•CE
•FCCClassA
•RoHS
*Optionalandisnotsupportedinstandardmodel.Pleasecontactyoursalesrepresentativeformoreinformation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com