Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC1702TR-SBACR-R10 Datasheet(PDF) 4 Page - DFI Inc

Part # TPC1702TR-SBACR-R10
Description  17 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC1702TR-SBACR-R10 Datasheet(HTML) 4 Page - DFI Inc

  TPC1702TR-SBACR-R10 Datasheet HTML 1Page - DFI Inc TPC1702TR-SBACR-R10 Datasheet HTML 2Page - DFI Inc TPC1702TR-SBACR-R10 Datasheet HTML 3Page - DFI Inc TPC1702TR-SBACR-R10 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPC170
3rd/2nd Gen Intel® CoreTM
17" Heavy Industrial Touch Panel PC
Packing List
Ordering Information
Optional Items
www.dfi.com DFIreservestherighttochangethespecificationsatanytimepriortotheproduct'srelease.Changesthereafterwillbebasedontheproduct'srevision.Pleasecontactyoursales
representativefortheexactrevisionofferedinyourarea.Allproductnamesmentionedaretrademarksoftheirrespectivecompanies.©July8,2015DFIInc.
Model Name
Part Number
Description
TPC1702TR-SBACR-R10
750-TPC170-000G
17"PanelPC,H61chipset,AluminumFrontBezel,ResistiveTouch,ACinput,
1PCIex1,1PCI,2MiniPCIe
TPC1702TR-SBACR-R11
750-TPC170-600G
17"PanelPC,H61chipset,AluminumFrontBezel,ResistiveTouch,ACinput,
2PCI,2MiniPCIe
TPC1702TR-SBDCMR-R10
750-TPC170-700G
17"PanelPC,H61chipset,AluminumFrontBezel,ResistiveTouch,
16~30VDC-interminalblock,1PCIex1,1PCI,2MiniPCIe
TPC1702TR-SBDCMR-R11
750-TPC170-800G
17"PanelPC,H61chipset,AluminumFrontBezel,ResistiveTouch,
16~30VDC-interminalblock,2PCI,2MiniPCIe
Optional Items
Part Number
Description
CPU
785-CP1155DL
CPU,LGA1155,Long-termsupport,RoHS
Memory
785-RSOD38G-L
SODIMM,DDR3LModule(supportsdualvoltage1.5VDDR3/1.35VDDR3L),
8GB,RoHS
785-RSOD34G-L
SODIMM,DDR3LModule(supportsdualvoltage1.5VDDR3/1.35VDDR3L),
4GB,RoHS
785-RSOD32G-L
SODIMM,DDR3LModule(supportsdualvoltage1.5VDDR3/1.35VDDR3L),
2GB,RoHS
785-RSOD31G
SODIMM,DDR3Module,1GB,RoHS
HDD
785-H25500G
2.5”SATAHDD,500GB,RoHS
785-H25320G
2.5”SATAHDD,320GB,RoHS
Wi-Fi
761-110091-000G
Wi-Fikit,RoHS
Power Cord
785-PWRD
Powercord,Standards(USA/EUR/CH),1.8m,RoHS
Wall Mount
785-PPCWMK
StandardPanelPCWallMountkit
Panel Mount
785-170PMK
17"PanelPCPanelMountkit
DVD-ROM
785-STDDRW
SlimTypeSATADVD-RW/DVDROM
CD-RW ROM
785-STCDRW
SlimTypeSATACD-RW/DVDROM
•1TPC170TouchPanelPC
•1120Wpoweradapter(onlyformodelTPC-1702TR-SBDCMR-R10andTPC-1702TR-SBDCMR-R11)
•1QuickInstallationGuide
•1CDdiskincludesdriver/manual



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com