Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC1702TR-SBACR-R11 Datasheet(PDF) 1 Page - DFI Inc

Part # TPC1702TR-SBACR-R11
Description  17 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC1702TR-SBACR-R11 Datasheet(HTML) 1 Page - DFI Inc

  TPC1702TR-SBACR-R11 Datasheet HTML 1Page - DFI Inc TPC1702TR-SBACR-R11 Datasheet HTML 2Page - DFI Inc TPC1702TR-SBACR-R11 Datasheet HTML 3Page - DFI Inc TPC1702TR-SBACR-R11 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPC170
Panel
3rd/2nd Gen Intel® CoreTM
17" Heavy Industrial Touch Panel PC
Wi-Fi
IP65
Front panel
protection
2 COM
HDMI
Optional
Optical Drive
Wide
Temperature
-100C
500C
Features
Front View
USB
Function Keys
Alarm LED
HDD LED
Power LED
Built-in antenna
Bottom View
Line-in
Mic-in
Line-out
COM 2
COM 1
PS/2 KB
PS/2 Mouse
USB 2.0
Power Switch
LAN
DVI-I
HDMI
24V DC-in
Line-in
Mic-in
Line-out
COM 2
COM 1
PS/2 KB
PS/2 Mouse
USB 2.0
Power Switch
LAN
DVI-I
HDMI
AC power
Alarm LED
HDD LED
Power LED
Function keys (standard)
Power
Volume
Brightness
Expansion slots
Expansion slots
Bright/Dim Switch (optional)
Press the buttons simultaneously to switch the screen between
bright and dim.
Alarm LED
HDD LED
Power LED
Power
Bright/Dim Switch
Volume Up/Down
• 17" 1280x1024 TFT LCD Panel with Touch Screen
• 2x 2.5" SATA drive bays
• 2 USB 2.0 at the front panel for easy access
• 5 function keys at the front panel
• Built-in antenna for optional Wi-Fi
• VESA/Wall/Panel Mount
H61


Similar Part No. - TPC1702TR-SBACR-R11

ManufacturerPart #DatasheetDescription
logo
DFI Inc
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC170P-SDAC-2PCI DFI-TPC170P-SDAC-2PCI Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC170P-SDAC-2PCIE DFI-TPC170P-SDAC-2PCIE Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC170R-SDAC-2PCI DFI-TPC170R-SDAC-2PCI Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC170R-SDAC-2PCIE DFI-TPC170R-SDAC-2PCIE Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
More results

Similar Description - TPC1702TR-SBACR-R11

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6671 BOSER-BPC-6671_11 Datasheet
644Kb / 1P
17" Panel PC with Touch Screen, Core 2 Duo
logo
Axiomtek Co., Ltd.
P1177E-500 AXIOMTEK-P1177E-500 Datasheet
483Kb / 2P
17 SXGA TFT Expandable Industrial Touch Panel Computer
logo
DFI Inc
IDP170 DFI-IDP170 Datasheet
499Kb / 2P
17" Industrial Touch Monitor
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC121 DFI-TPC121 Datasheet
2Mb / 4P
12.1 Heavy Industrial Touch Panel PC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com