Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES021E Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES021E
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES021E Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES021E Datasheet HTML 1Page - Balluff Korea Ltd. BES021E Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES Q40KFU-PAC30F-S04G
Order Code: BES021E
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 256636
ETIM 6.0: EC002714
BES021E_0.32_2020-03-05
2 / 2
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 gn, 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
Protection degree
IP67
Functional safety
MTTF (40 °C)
675 a
Material
Housing material
PBT
Material sensing surface
PBT
Mechanical data
Dimension
40 x 40 x 62 mm
Installation
non-flush
Size
40x40
Tightening torque
40 Nm
Output/Interface
Switching output
PNP normally open/normally
closed (NO/NC)
Range/Distance
Assured operating distance Sa
24 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
30 mm
Real switching distance sr
30 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
LED 1: Function
LED 2: Operating voltage
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com