Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGH32N60AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH32N60AS
Description  HiPerFAST IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH32N60AS Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH32N60AS Datasheet HTML 1Page - IXYS Corporation IXGH32N60AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15,D-68623 Lampertheim
Phone: +49-6206-503-0 Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700, Fax: 408-496-0670
IXGH 32N60A
IXGH 32N60AS
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90 ; VCE = 10 V,
15
20
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
2500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
230
pF
C
res
70
pF
Q
g
125
150
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
23
35
nC
Q
gc
50
75
nC
t
d(on)
25
ns
t
ri
30
ns
t
d(off)
120
200
ns
t
fi
125
175
ns
E
off
1.8
mJ
t
d(on)
25
ns
t
ri
35
ns
E
on
1mJ
t
d(off)
140
ns
t
fi
260
ns
E
off
4.0
mJ
R
thJC
0.62 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = IC90, VGE = 15 V, L = 100 µH,
V
CE = 0.8 VCES, RG = Roff = 4.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
1. Gate
2. Collector
3. Emitter
4. Collector
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.83
5.21
.190
.205
A1
2.29
2.54
.090
.100
A2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b1
1.91
2.13
.075
.084
C
0.61
0.80
.024
.031
D
20.80
21.34
.819
.840
E
15.75
16.13
.620
.635
e
5.45
BSC
.215
BSC
L
4.90
5.10
.193
.201
L1
2.70
2.90
.106
.114
L2
2.10
2.30
.083
.091
L3
0.00
0.10
.00
.004
L4
1.90
2.10
.075
.083
ØP
3.55
3.65
.140
.144
Q
5.59
6.20
.220
.244
R
4.32
4.83
.170
.190
S
6.15
BSC
.242
BSC
e
∅ P
Min. Recommended Footprint (Dimensions in inches and mm)
TO-247 SMD Outline
IXGH 32N60A and IXGH 32N60AS characteristic curves are located in the
IXGH 32N60AU1 data sheet.
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES ,
higher T
J or increased RG
IXYS reserves the right to change limits, test conditions, and dimensions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com