Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9950 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9950
Description  brightness LED constant current drive controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9950 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9950 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9950 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
电特性
除非特别说明,VIN =12V,TA =25
oC
参数
符号
测试条件
最小值
典型值
最大值
单位
电源电压
最大输入电压
VIN_MAX
5.5
36
V
欠压保护电压
VUVLO
VIN =VCS,VADJ =VCC,
VIN 电压从 0V 上升
5
5.5
V
欠压保护
滞回电压
VHYS
0.9
V
电源工作电流
IIN
5
mA
电源待机电流
IST
ADJ=0
400
uA
开关频率
最大开关频率
FSW_MAX
1
MHz
电流检测比较器
检测电压高值
VCSH
(
VIN -VCS)从 0.1V 上升,
直至
DRV 输出低电平
220
mV
检测电压低值
VCSL
(
VIN -VCS)从 0.3V 下降,
直至
DRV 输出高电平
180
mV
比较器输入电流
ICS
5
uA
高电平输出延迟
TDPDH
80
ns
低电平输出延迟
TDPDL
80
ns
ADJ 脚辉度控制
最大调光频率
FADJ
5
KHz
ADJ 输入高电平
VIH
2.5
V
ADJ 输入低电平
VIL
0.3
V
ADJ 模拟调光电
压范围
VADJ_DC
0.5
2.5
V
HM9950



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com