Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZA120MACT Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # ZA120MACT
Description  Voltage Rating 48 to 120 VAC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

ZA120MACT Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  ZA120MACT Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010 ·
www.mallory-sonalert.com
NEMA 3R,4X, & 12
Approved with use of included gasket.
Options
Please contact factory.
Dimensions: Inches (mm)
cUL Recognized
Operating Temperature
-30° to +65° C
ROHS Compliant
Panel Mounting
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
Knurled Nut
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Weight (Typical)
28 g
Current Draw
40mA MAX
Housing Material
6/6 Nylon, Color: Black
Storage Temperature
-40° to +80° C
Voltage Rating
48 to 120 VAC
Frequency
3900 ± 500 Hz
Loudness @ 2 FT
75 to 85 dB(A) Typ.
Specifications:
Sound Level Category
Medium
Mode of Operation
Continuous
Mallory Sonalert Products,Inc.
ZA120MACT
Sales Outline Drawing
C
1.210 [30.74]
M22 x 1.5 Thread
<0.86 Maj. Dia.
0.524 [13.31]
Gasket
Knurl nut
1.710 [43.44]


Similar Part No. - ZA120MACT

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA120MACM1 MSPI-ZA120MACM1 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
More results

Similar Description - ZA120MACT

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA120LADP2 MSPI-ZA120LADP2 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120LASR8 MSPI-ZA120LASR8 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120LASU2 MSPI-ZA120LASU2 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120MACM1 MSPI-ZA120MACM1 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120MADP3 MSPI-ZA120MADP3 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120MAFP1 MSPI-ZA120MAFP1 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120MAPS1 MSPI-ZA120MAPS1 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120MASS1 MSPI-ZA120MASS1 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120MASU2 MSPI-ZA120MASU2 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
ZA120SADP2 MSPI-ZA120SADP2 Datasheet
132Kb / 1P
Voltage Rating 48 to 120 VAC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com