Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR3003 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PR3003
Description  3.0A FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PR3003 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  PR3003 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd PR3003 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ad Free: For RoHS / Lead Free Version
3.0A FAST RECOVERY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Epoxy: UL 94V-O rate flame retardant
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
125
A
Forward Voltage
@IF = 3.0A
VFM
1.28
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
2.0
150
µA
Reverse Recovery Time (Note 2)
trr
150
250
450
nS
Typical Junction Capacitance (Note 3)
Cj
60
pF
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
!
Le
!
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-201AD
Dim
Min
Max
A
25.4
—
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm
DO-201AD
Dim
Min
Max
A
24.5
—
B
7.20
9.50
C
1.10
1.30
D
5.00
5.60
All Dimensions in mm
PR3001 – PR3007
PR13001
PR3001 – PR3007
Unit
Symbol
PR3002 PR3003 PR3004 PR3005 PR3006 PR3007


Similar Part No. - PR3003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR3003 DIODES-PR3003 Datasheet
61Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
logo
Fuji Electric
PR3003 FUJI-PR3003 Datasheet
727Kb / 1P
3 AMP FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR3003 DIODES-PR3003 Datasheet
368Kb / 3P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
Shenzhen Taychipst Elec...
PR3003 TAYCHIPST-PR3003 Datasheet
4Mb / 2P
FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
PR3003 CTC-PR3003 Datasheet
61Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - PR3003

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR301 DIODES-FR301 Datasheet
57Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26003 Rev. C-3
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
List of Unclassifed Man...
TF301 ETC2-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
3.0A Fast Recovery Rectifier
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
3.0A FAST RECOVERY RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
FR301 ZSELEC-FR301 Datasheet
118Kb / 2P
3.0A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com