Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP140 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRFP140
Description  iscN-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRFP140 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRFP140 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRFP140 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
iscN-Channel MOSFET Transistor
IRFP140
·
FEATURES
·
Low drain-source on-resistance:
RDS(ON) ≤77mΩ @VGS=10V
·
Enhancement mode:
Vth = 2.0 to 4.0V (VDS = 10 V, ID=0.25mA)
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
DESCRITION
·
Switching Voltage Regulators
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
31
A
IDM
Drain Current-Single Pulsed
120
A
PD
Total Dissipation @TC=25℃
180
W
Tj
Max. Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature
-55~175
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
0.83
℃
/W


Similar Part No. - IRFP140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFP140 FAIRCHILD-IRFP140 Datasheet
104Kb / 7P
31A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
Vishay Siliconix
IRFP140 VISHAY-IRFP140 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFP140 VISHAY-IRFP140 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
IRFP140 VISHAY-IRFP140 Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFP140 VISHAY-IRFP140 Datasheet
1,009Kb / 11P
Power MOSFET
24-Jan-2022
More results

Similar Description - IRFP140

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ITK13A65U ISC-ITK13A65U Datasheet
288Kb / 2P
iscN-Channel MOSFET Transistor
ITK16A60W ISC-ITK16A60W Datasheet
289Kb / 2P
iscN-Channel MOSFET Transistor
TK60J25D ISC-TK60J25D Datasheet
326Kb / 2P
iscN-Channel MOSFET Transistor
TK8A45D ISC-TK8A45D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK12A55D ISC-TK12A55D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK12A65D ISC-TK12A65D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK15J50D ISC-TK15J50D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
2SK4013 ISC-2SK4013 Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
2SK4207 ISC-2SK4207 Datasheet
326Kb / 2P
iscN-Channel MOSFET Transistor
IRFB9N65A ISC-IRFB9N65A Datasheet
329Kb / 2P
iscN-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com