Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRV61PQLHM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PRV61PQLHM
Description  Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV61PQLHM Datasheet(HTML) 3 Page - Vishay Siliconix

  PRV61PQLHM Datasheet HTML 1Page - Vishay Siliconix PRV61PQLHM Datasheet HTML 2Page - Vishay Siliconix PRV61PQLHM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
95
PRV6, PARV6
Vishay Sfernice
Document Number: 51035
Revision 15-Apr-02
For technical questions, contact sfer@vishay.com
MAX.
POWER
AT 70°C
MAX.
WORKING
VOLTAGE
MAX.
WORKING
VOLTAGE
PRV6 NON LINEAR LAWS
W
W
V
V
mA
mA
1.5
5.48
8.66
274
173
0.75
0.75
0.61
0.25
27.3
38.2
61.2
87
122
194
273
350
350
27.4
19.3
12.2
8.7
6.1
3.9
2.74
1.75
0.7
MAX. CUR.
THROUGH
ELEMENT
MAX. CUR.
THROUGH
ELEMENT
STANDARD
RESIS-
TANCE
VALUES
MAX.
POWER
AT 70°C
PRV6 LINEAR LAW
20
50
100
200
500
1k
2k
5k
10k
20k
50k
100k
200K
500K
1M
2M
5M
10M
1.5
1.22
0.61
0.25
0.12
0.06
0.025
0.012
12.2
17.3
27.4
38.7
54.8
86.6
122.5
173
274
350
350
350
350
350
350
350
122
87
55
38.7
27.4
17.3
12.2
8.26
5.65
3.5
1.75
0.7
0.35
0.17
0.07
0.035
0
+ 200
PRV6
± 100
ppm/°C
T.C.
– 55°C
+ 125°C
PANEL SEALING
Except for dia. 4 mm shaft, an O.ring is supplied with the
potentiometer. This O.ring should be placed into the groove
of the body and ensures the panel sealing.
For dia. 4mm shaft please see note “P” in ordering informa-
tion.
SHAFTS
Shaft lengths are measured from the mounting face to the
free end of the shaft. Special shafts are available if the
customer supplies a drawing. The shaft slot is aligned to
the wiper within ± 10°.
HARDWARE
Nuts, washer and O.ring are separately supplied (not
mounted on the potentiometer), in a small bag placed
in
the packaging.
LOCATING PEG
Except for dia. 4 mm shaft, the potentiometers are delivered
with 2 opposite locating pegs orientated at 45°. These
2
pegs
can
be
easily broken-off by the customer.
On request, the orientation of the pegs can be at 30° instead
of 45°. Order Designation: PRV6 L (see ordering information).
MARKING
VISHAY trademark, series, style, ohmic value (in
Ω, kΩ
or M
Ω), tolerance in %, taper code, manufacturing date (4
digits : 2 for year, 2 for week), terminal 1.
Fully Sealed Potentiometers Cermet (PRV6)
Conductive Plastic (PARV6)
STANDARD RESISTANCE ELEMENT DATA
Carton box of 50, code: BO50
PACKAGING
“LC” OPTION LOW CURRENT
For sensitive applications, when the current going through the wiper of the potentiometer is very low (less than 1µ Amp) or when
the climatic conditions of use are tightened up, we recommend to use the Low Current (LC) option of the PRV6 and PARV6 series.
The general characteristics of this model are identical with the standard PRV6/PARV6 characteristics but it gives
exceptional results in matter of stability when used in extreme climatic conditions and/or current close to O Amp.
Ω
PRV cermet
PARV conductive
plastic
SERIE
Dia
D
6,35
6,35
6,35
7
7
6,35
6,35
6,35
7
7
7
7
7
7
Standard C = 9.5
no code
Option C = 12.1
code S
BODY LENGTH
6
61
62
6Q
61Q
6LC
61LC
62LC
6QLC
61QLC
6QP
61QP
6QPLC
61QPLC
Length
B
6.35
9.5
12.5
6.5
9.5
6.35
9.5
12.5
6.5
9.5
6.5
9.5
6.5
9.5
SHAFT
Dia
d
3 or 3.17
3 or 3.17
3 or 3.17
4
4
3 or 3.17
3 or 3.17
3 or 3.17
4
4
4
4
4
4
BUSHING
LC = Low Current
Shaft dia 3.17 and 3 are standard
panel sealed
Shaft dia 4 : please note “P” for
panel sealed option
SHAFTS and BUSHINGS
Solder Lugs
no code
PCB pins
code W
TERMINALS
A : standard 45°
no code
A : option 30°
code L
not available
for 6Q and 61Q
versions
See drawing
LOCATING PEGS
Code H
not available
for 6-6Q
versions
LOCKING SHAFT
Code
*CK
CM
CD
CR
*K
M
R
E
F
G
S
L
O
T
T
E
D
6
61
62
61H
62H
6Q
61Q
61QH
Dia
d
3.17
3.17
3.17
3.17
3
3
3
4
4
4
Length
L
9.5
12.5
16
22
9.5
12.5
22
9.5
12.5
22
From mounting face
*not available with 62H option
STANDARD SHAFT LENGTH
22
Ω to 10MΩ
linear law - cermet
470
Ω to 1MΩ
non linear laws
cermet
1 k
Ω to 1MΩ
linear law -
conductive plastic
470
Ω to 500kΩ
non linear laws
conductive plastic
470
Ω to 100kΩ
non linear laws
conductive plastic
OHMIC VALUE
20% standard
10% optional
5% optional
(cermet only)
TOLERANCE
A Linear
L CW Log
VARIATION LAW
A
20%
10k
Ω
CM
PRV
S
61
W
L
H
ORDERING INFORMATION
PACKAGING
BO50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com