Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CW11-R1BDD Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-CW11-R1BDD
Description  T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CW11-R1BDD Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-CW11-R1BDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CW11-R1BDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CW11-R1BDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CW11-R1BDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CW11-R1BDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CW11-R1BDD Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Part Numbering System
Package Dimensions
Notes:
1. All dimensions are in millimeters /inches.
2. Epoxy meniscus may extend about 1mm
(0.040") down the leads.
3. If heat-sinking application is required, the
terminal for heat sink is anode.
Package Dimension B
Package Dimension A
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ± 0.20
(0.343 ± 0.008)
2.54 ± 0.38
(0.100 ± 0.015)
0.50 ± 0.10
(0.020 ± 0.004)
SQ. TYP.
CATHODE
LEAD
2.35 (0.093)
MAX.
CATHODE
FLAT
Mechanical Option
00: Bulk
DD: Ammo Pack Straight Leads
Color Bin Options
0: Full color bin distribution
B: Color bin 2 & 3 only
Maximum Intensity Bin
0: No maximum intensity bin limit
Others: Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Angle and Standoff Option
11: 15˚ without standoff
12: 15˚ with standoff
26: 23˚ without standoff
27: 23˚ with standoff
36: 30˚ without standoff
37: 30˚ with standoff
H L M P
-
-XX
X X X XX
CW
DIMENSION H:
15°: 12.24 ± 0.25mm (0.482 ± 0.01 inches)
23°: 12.50 ± 0.25mm (0.492 ± 0.01 inches)
30°: 12.00 ± 0.25mm (0.472 ± 0.01 inches)
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ± 0.20
(0.343 ± 0.008)
2.54 ± 0.38
(0.100 ± 0.015)
0.50 ± 0.10
(0.020 ± 0.004)
SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
1.50 ± 0.15
(0.059 ± 0.006)
DIMENSION H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com