Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDMII-PLUS Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # UDMII-PLUS
Description  USB-Disk Module (UDM) II Plus
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

UDMII-PLUS Datasheet(HTML) 3 Page - Apacer Technology Inc.

  UDMII-PLUS Datasheet HTML 1Page - Apacer Technology Inc. UDMII-PLUS Datasheet HTML 2Page - Apacer Technology Inc. UDMII-PLUS Datasheet HTML 3Page - Apacer Technology Inc. UDMII-PLUS Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
UDMII Plus (Type C)
Interface
USB 2.0
Connector
10-pin USB (2 x 5 header)
NAND Flash Type
SLC
Capacity
256MB~32GB
External DRAM
No
Sustained Read Performance (MB/sec)
Up to 31
Sustained Write Performance (MB/sec)
Up to 21
ECC Engine
Built-in up to 24-bit per 1K bytes BCH ECC
NAND Flash Type
SLC
Standard Operating Temperature ( °C )
0 ~ + 70
Extended Operating Temperature ( °C )
-40~+85
Storage Temperature ( °C )
-40 ~ + 100
Shock
Operation: 50G, 11ms
Non-operation: 1500G, 0.5ms
Vibration
Operation: 7.69 Grms, 20~2000 Hz/random
(compliant with MIL-STD-810G)
Non-operation: 15G, 10 ~ 2000 Hz/sine
Operating Voltage
3.3 V ± 5%
Power Consumption
Active mode: 181 mA & Sleep mode: 402 μA
Dimension (L x W x H )
37.8 x 26.65 x 10.5
MTBF (hours)
>2,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com