Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-R1-M Datasheet(PDF) 4 Page - Apacer Technology Inc.

Part # SD-R1-M
Description  SD memory cards
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SD-R1-M Datasheet(HTML) 4 Page - Apacer Technology Inc.

  SD-R1-M Datasheet HTML 1Page - Apacer Technology Inc. SD-R1-M Datasheet HTML 2Page - Apacer Technology Inc. SD-R1-M Datasheet HTML 3Page - Apacer Technology Inc. SD-R1-M Datasheet HTML 4Page - Apacer Technology Inc. SD-R1-M Datasheet HTML 5Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications
Model
Industrial SD R1-M
Interface
SD3.0
Connector
-
Form Factor
SD
Operation Mode
NULL
Transfer Mode
NULL
NAND Flash Type
MLC
Capacity
SDHC: 8GB ~ 16GB
Sustained Read Performance (MB/sec)
Up to 90
Sustained Write Performance (MB/sec)
Up to 25
ECC Engine
Built-in 42-bit per 1K bytes BCH ECC
IOPs (4K Random Write)
95
Standard Operating Temperature ( °C )
-25 ~ + 85
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 85
H/W Write Protect
-
Shock
(Operating) 1,500G, 0.5ms
Vibration
20Hz~80Hz/1.52mm (frequency/displacement)
80Hz~2,000Hz/20G (frequency/accelerate)
Operating Voltage
2.7V ~ 3.6V
Power Consumption
Active mode: 115mA ; Idle mode: 265 uA
Dimension (L x W x H )
32 x 24 x 2.1 (mm)
MTBF (hours)
>3,000,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com