Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF4407PSLA Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # AF4407PSLA
Description  P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AF4407PSLA Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AF4407PSLA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AF4407PSLA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AF4407PSLA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AF4407PSLA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AF4407PSLA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AF4407PSLA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AF4407PSLA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AF4407PSLA Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AF4407PSLA Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
50
60
01
2
3
45
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
VGS =4 V
VGS =3 V
0.00
0.01
0.02
0.03
0.04
0.05
0
102030
405060
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0
10203040
50
ID =10A
Qg - Total Gate Charge (nC)
VDS =10 V
VDS =20 V
VDS =15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0
1234
5
VGS - Gate-to-Source Voltage (V)
VGS = 125 °C
VGS = 25 °C
VGS = - 55 °C
Crss
0
600
1200
1800
2400
3000
0
6
12
18
24
30
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =- 10 V
ID =10A
VGS = - 4.5 V
AF4407PSLA
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com