Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPCL
Description  Wirewound Resistors, Commercial Power, Vertical Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPCL Datasheet(HTML) 2 Page - Vishay Siliconix

  CPCL Datasheet HTML 1Page - Vishay Siliconix CPCL Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
41
CPCL, CPCC, CPCP, CPCF
Vishay Dale
Document Number 30218
Revision 28-Aug-02
For technical questions, contact ww2aresistors@vishay.com
DIMENSIONS
Wirewound Resistors, Commercial Power, Vertical Mount
MATERIAL SPECIFICATIONS
Part Marking: DALE: Model, Wattage, Value, Tolerance,
Date Code
CPCL: Element: Self-supporting copper-nickel alloy or
nickel-chrome alloy, depending on resistance value
Body: Steatite ceramic case with inorganic potting compound
Terminals: Tinned copper
CPCC: Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Woven fiberglass
Body: Steatite ceramic case with inorganic potting compound
End Caps: Tin plated steel
Terminals: Tinned copper
CPCP: Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Ceramic
Body: Steatite ceramic case with inorganic potting compound
End Caps: Stainless steel
Terminals: Tinned Copperweld®
CPCF: Element: Metal film - nickel-chrome alloy
Core: Alumina ceramic
Body: Steatite ceramic case with inorganic potting compound
End Caps: Brass alloy
Terminals: Solder-coated copper
E
D
A
0.177 + 0.078
- 0.039
[4.50 + 1.98
- 0.991]
C
B
MODEL
DIMENSIONS in inches [millimeters]
A
BCD
E
± 0.031
± 0.031 + 0.043 [1.09] ± 0.005
± 0.040
[0.794]
[0.794]
-0.012 [0.305]
[0.127]
[1.02]
CPCL-2
0.807
0.433
0.276
0.032
0.197
CPCC-2
[20.50]
[11.00]
[7.01]
[0.813]
[5.00]
CPCP-2
CPCF-2
CPCL-3
0.984
0.472
0.315
0.032
0.197
CPCC-3
[24.99]
[11.99]
[8.00]
[0.813]
[5.00]
CPCP-3
CPCF-3
CPCL-5
1.003
0.512
0.354
0.032
0.197
CPCC-5
[25.48]
[13.00]
[8.99]
[0.813]
[5.00]
CPCP-5
CPCF-5
CPCL-10
1.372
0.633
0.485
0.040
0.290
CPCP-10
[34.85]
[16.08]
[12.32]
[1.02]
[7.37]
CPCC-10
0.036
[0.914]
PERFORMANCE
TEST
CONDITIONS OF TEST
CPCP TEST LIMITS
CPCC, CPCL, CPCF
TEST LIMITS
Thermal Shock
- 55
°C to + 275°C, 5 cycles, 30 minute dwell time
± (2.0% + 0.05Ω)∆R
± (5.0% + 0.05Ω)∆R
Short Time Overload
5 x rated power for 5 seconds
± (2.0% + 0.05Ω)∆R
± (4.0% + 0.05Ω)∆R
Dielectric Withstanding Voltage 1000Vrms for one minute
± (0.1% + 0.05Ω)∆R
± (2.0% + 0.05Ω)∆R
Low Temperature Operation
- 65
°C, full rated working voltage for 45 minutes
± (2.0% + 0.05Ω)∆R
± (3.0% + 0.05Ω)∆R
Bias Humidity
75
°C, 90% - 100% RH, 240 hours
± (2.0% + 0.05Ω)∆R
± (5.0% + 0.05Ω)∆R
Load Life
1000 hours at rated power, + 70
°C, 1.5 hours “ON”, 0.5 hours “OFF” ± (5.0% + 0.05Ω)∆R
± (5.0% + 0.05Ω)∆R
Terminal Strength
5 to 10 second 10 pound pull test
± (1.0% + 0.05Ω)∆R
± (1.0% + 0.05Ω)∆R
Resistance to Solder Heat
Terminal immersed 3.5 seconds in molten solder up to body
± (1.0% + 0.05Ω)∆R
± (1.0% + 0.05Ω)∆R
AMBIENT TEMPERATURE IN
°C
Derating
CPCL
CPCC
CPCP
CPCF
-65
-25
25
75
125
175
225
275
70
0
20
40
60
80
100
120



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com