Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012R150ATD25 Datasheet(PDF) 1 Page - TDK Electronics

Part # MMZ2012R150ATD25
Description  Chip beads For general signal line
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012R150ATD25 Datasheet(HTML) 1 Page - TDK Electronics

  MMZ2012R150ATD25 Datasheet HTML 1Page - TDK Electronics MMZ2012R150ATD25 Datasheet HTML 2Page - TDK Electronics MMZ2012R150ATD25 Datasheet HTML 3Page - TDK Electronics MMZ2012R150ATD25 Datasheet HTML 4Page - TDK Electronics MMZ2012R150ATD25 Datasheet HTML 5Page - TDK Electronics MMZ2012R150ATD25 Datasheet HTML 6Page - TDK Electronics MMZ2012R150ATD25 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200127
(1/7)
beads_automotive_signal_mmz2012_en.fm
EMC Components
Chip beads
For general signal line
MMZ series (for automotive)
MMZ2012 type
FEATURES
Noise reduction solution for general signal line.
Various frequency characteristics with 4 materials of different features for countermeasures against everything from general signals to
high-speed signals.
Operating temperature range: –55 to +125°C
Compliant with AEC-Q200
APPLICATION
Various ECUs, powertrains, body controls, and car multimedia (telematics).
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Measurement equipment
* Equivalent measurement equipment may be used.
MMZ
2012
R
150
A
T
D25
Series name
L×W×T dimensions
Material name
Impedance
Characteristic
type
Packaging style
Internal code
2.0×1.25x0.85 mm
(
) at 100MHz
Impedance
DC resistance
Rated current
Part No.
[100MHz]
(
)
Tolerance
(
)max.
(mA)max.
15
±25%
0.05
1500
MMZ2012R150ATD25
30
±25%
0.05
1500
MMZ2012R300ATD25
60
±25%
0.10
1000
MMZ2012R600ATD25
120
±25%
0.12
800
MMZ2012R121ATD25
300
±25%
0.15
600
MMZ2012R301ATD25
600
±25%
0.20
500
MMZ2012R601ATD25
1000
±25%
0.30
500
MMZ2012R102ATD25
40
±25%
0.10
1000
MMZ2012S400ATD25
80
±25%
0.10
800
MMZ2012S800ATD25
120
±25%
0.15
800
MMZ2012S121ATD25
150
±25%
0.15
700
MMZ2012S151ATD25
180
±25%
0.15
600
MMZ2012S181ATD25
300
±25%
0.20
600
MMZ2012S301ATD25
600
±25%
0.30
500
MMZ2012S601ATD25
1000
±25%
0.35
500
MMZ2012S102ATD25
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Keysight Technologies
DC resistance
Type-7556
Yokogawa
AEC-Q200
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - MMZ2012R150ATD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ2012R150AT000 TDK-MMZ2012R150AT000 Datasheet
166Kb / 11P
Chip Beads For general signal line
More results

Similar Description - MMZ2012R150ATD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
Chip Beads(SMD Array) For General Signal Line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
Chip Beads For signal line
MMZ0402D220CT000 TDK-MMZ0402D220CT000 Datasheet
128Kb / 10P
Chip Beads For general signal line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
Chip Beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
Chip Beads For general signal line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
Chip beads For general signal line
KMZ1608-HR TDK-KMZ1608-HR Datasheet
262Kb / 7P
Chip beads For general signal line Soft termination
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com