Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD70A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MD70A
Description  Rectifier Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MD70A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MD70A Datasheet HTML 1Page - Inchange Semiconductor Company Limited MD70A Datasheet HTML 2Page - Inchange Semiconductor Company Limited MD70A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
MD70A
Rectifier
Module
FEATURES
·
High surge current capability
·
Low forward voltage drop
·
Designed and qualified for industrial and consumer level
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Field supply for DC motors
·
Non-controllable rectifiers for AC/AC converters
·
Line rectifiers for transistorized AC motor controller
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage VRRM tp=10ms,
VRSM=VRRM+200V
200-2000
V
IF(AV)
Average Forward Current
TC=100℃,
180° conduction, half sine wave
70
A
IFSM
Surge Forward Current
t=10m,shalf sine wave,
VR=0.6VRRM
1.8
KA
I2t
I2t for fusing
16.2
A2s*103
Viso
isolation voltage
50Hz,R.M.S,t=1min,
Iiso:1mA(max)
3500
v
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-40~125
℃


Similar Part No. - MD70A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MD70A08D1 LEIDITECH-MD70A08D1 Datasheet
305Kb / 3P
Glass Passivated Rectifier Diode Modules
MD70A08J1 LEIDITECH-MD70A08J1 Datasheet
316Kb / 3P
Glass Passivated Rectifier Diode Modules
MD70A12D1 LEIDITECH-MD70A12D1 Datasheet
305Kb / 3P
Glass Passivated Rectifier Diode Modules
MD70A12J1 LEIDITECH-MD70A12J1 Datasheet
316Kb / 3P
Glass Passivated Rectifier Diode Modules
MD70A16D1 LEIDITECH-MD70A16D1 Datasheet
305Kb / 3P
Glass Passivated Rectifier Diode Modules
More results

Similar Description - MD70A

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP7 POWER-ONE-PMP7 Datasheet
55Kb / 2P
Rectifier Module
PMP11 POWER-ONE-PMP11 Datasheet
50Kb / 2P
Rectifier Module
PMP5 POWER-ONE-PMP5 Datasheet
47Kb / 2P
Rectifier Module
PMP25 POWER-ONE-PMP25 Datasheet
103Kb / 2P
Rectifier Module
logo
eupec GmbH
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
Rectifier Diode Module
logo
IXYS Corporation
VBO52-12NO7 IXYS-VBO52-12NO7 Datasheet
165Kb / 5P
Standard Rectifier Module
VUO68-12NO7 IXYS-VUO68-12NO7 Datasheet
183Kb / 5P
Standard Rectifier Module
logo
Inchange Semiconductor ...
MD200A ISC-MD200A Datasheet
287Kb / 3P
Rectifier Module
SKKE162 ISC-SKKE162 Datasheet
273Kb / 3P
Rectifier Module
SKKE600-12 ISC-SKKE600-12 Datasheet
288Kb / 3P
Rectifier Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com