Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2G2BPI80 Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PE2G2BPI80
Description  Dual Ports Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G2BPI80 Datasheet(HTML) 2 Page - Silicom Ltd.

  PE2G2BPI80 Datasheet HTML 1Page - Silicom Ltd. PE2G2BPI80 Datasheet HTML 2Page - Silicom Ltd. PE2G2BPI80 Datasheet HTML 3Page - Silicom Ltd. PE2G2BPI80 Datasheet HTML 4Page - Silicom Ltd. PE2G2BPI80 Datasheet HTML 5Page - Silicom Ltd. PE2G2BPI80 Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
On Board Watch Dog Timer (WDT) Controller
Software programmable time out interval
Software Programmable WDT Enable / Disable counter
Software programmable Bypass Capability Enable / Disable
Software Programmable Disconnect Capability Enable / Disable
Software Programmable mode (Bypass, Normal or Disconnect mode) at Power up
Software Programmable mode (Bypass, Normal mode) at Power off
Independent Bypass operation in every two ports
Copper Gigabit Ethernet 1000Base-T :
Independently copper Gigabit Ethernet channels support four Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx) and
Ethernet (10Base-T)
Triple speed 1000Mbps (1000Base-T), 100 Mbps (100Base-Tx) and 10 Mbps (100Base-T) operation
Nway auto negotiation automatic sensing and switching between 1Gbps full duplex and 100 / 10 Mbps operations Simplex or
Full Duplex
RJ-45 female connectors
Performance Features:
PCI Express v2.0 ( 5GT/s) , X4
Intel I/O acceleration technology v3.0
Direct Cache Access
UDP, TCP and IP checksum offload
UDP and TCP transmit segmentation offload (TSO)
SCTP receive and transmit checksum offload
Virtualization Ready:
Queues per port: 8 TX and 8 RX queues
Support up to 8 VMs per port ( 1 queue allocated to each VM)
usa.com
-
www.silicom



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com