Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSSF-M50-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # PBSSF-M50-R
Description  10 /1 Gigabit (MM) Fiber Bypass Switch Stand Alone Unit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PBSSF-M50-R Datasheet(HTML) 2 Page - Silicom Ltd.

  PBSSF-M50-R Datasheet HTML 1Page - Silicom Ltd. PBSSF-M50-R Datasheet HTML 2Page - Silicom Ltd. PBSSF-M50-R Datasheet HTML 3Page - Silicom Ltd. PBSSF-M50-R Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Figure: 2
– Bypass Mode Functional Block Diagram
Key Features
Bypass:
Bypass Ethernet ports on Power lose
Reliable Passive solution
High speed switching
Low insertions loss
Throughput not affected and no added delay
PBSSF-M50:
Supports Fiber Gigabit Ethernet (1000Base-SX)
Supports Short Range Fiber 10 Gigabit Ethernet (10GBase-SR)
Technical Specifications
Fiber Gigabit Ethernet General Technical Specifications
– (1000BaseSX)
IEEE Standard / Network
topology
Fiber Gigabit Ethernet, 1000Base-SX (850nM)
Cables and Operating distance
Multimode fiber:
550m at 50 um **
**Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
Insertion loss (Normal)
Typical: 0.97 dB
Maximum: 1.8 dB (Sum of insertion losses: LC/LC+ fibers and optic
switch+LC/LC=.0.3+1.2+0.3=1.8dB)
Minimum: 0.9dB (Sum of insertion losses: LC/LC+ fibers and optic
switch+LC/LC=.0.1+0.7+0.1=0.9dB)
Insertion Loss (Bypass)
Typical: 1.69 dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com