Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3752 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3752 Datasheet HTML 19Page - Analog Devices LT3752 Datasheet HTML 20Page - Analog Devices LT3752 Datasheet HTML 21Page - Analog Devices LT3752 Datasheet HTML 22Page - Analog Devices LT3752 Datasheet HTML 23Page - Analog Devices LT3752 Datasheet HTML 24Page - Analog Devices LT3752 Datasheet HTML 25Page - Analog Devices LT3752 Datasheet HTML 26Page - Analog Devices LT3752 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
LT3752/LT3752-1
23
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Worst-case values should be used to calculate the CSTART
and RSTART required to guarantee start-up and to turn on
in the time required.
Example: (LT3752-1)
For VS(MIN) = 75V, VIN(ON)(MAX) = 10.4V
ISTART(MAX) = 265µA, IHKEEP(MAX) = 4.6mA
QG = 8nC (at VIN = 10V), fOSC = 150kHz
tHSS(MAX) = 4ms, VDROOP(MIN) = 1.61V
CSTART(MIN) = 4.6mA + 71kHz •8nC
(
)•
4ms
1.61V
= 12.8µF Choose 14.7µF
(
)
RSTART(MAX) =
75V – 10.4V
265µA • k
= 243k for k = 1.0
(
)
The RSTART(MAX) value should be chosen with higher k
values until the charge-up time for CSTART is acceptable.
In most cases, CSTART will be charged to the 16V clamp
on the LT3752-1 VIN pin before system input reaches its
UVLO(+) threshold (Figure 4). This will allow an extra
5.6V for VDROOP in the CSTART equation, allowing a smaller
CSTART value and hence a faster start-up time.
The trade-off of lower RSTART is greater power dissipa-
tion, given by:
PRSTART = (VS – VIN)2/RSTART
for RSTART = 200k, VS(MAX) = 150V, VIN = 10V (back
driven from housekeeping supply)
PRSTART = (150 – 10)2/200k = 98mW.
Programming Switching Frequency
The switching frequency for the housekeeping supply
and the main forward converter are programmed using a
resistor, RT, connected from analog ground (Pin 18) to the
RT pin. Table 1 shows typical fOSC vs RT resistor values.
The value for RT is given by:
RT = 8.39 • X • (1 + Y)
where,
X = (109/fOSC) – 365
Y = (300kHz – fOSC)/107 (fOSC < 300kHz)
Y = (fOSC – 300kHz)/107 (fOSC > 300kHz)
Example: For fOSC = 200kHz,
RT = 8.39 • 4635 • (1 + 0.01) = 39.28k (choose 39.2k)
The LT3752/LT3752-1 include frequency foldback at start-
up (see Figures 3 and 4). In order to make sure that a
SYNC input does not override frequency foldback during
start-up,theSYNCfunctionisignoreduntilSS1pinreaches
2.2V. Both the housekeeping and forward controllers run
synchronized to each other and in phase, with or without
the SYNC input.
Table 1. RT vs Switching Frequency (fOSC)
SWITCHING FREQUENCY (kHz)
RT (kΩ)
100
82.5
150
53.6
200
39.2
250
30.9
300
24.9
350
21
400
18.2
450
15.8
500
14
Synchronizing to an External Clock
The LT3752 / LT3752-1 internal oscillator can be synchro-
nized to an external clock at the SYNC pin. SYNC pin high
level should exceed 1.8V for at least 100ns and SYNC
pin low level should fall below 0.6V for at least 100ns.
The SYNC pin frequency should be set equal to or higher
than the typical frequency programmed by the RT pin.
An fSYNC/fOSC ratio of x (1.0 < x < 1.25) will reduce the
externally programmed slope compensation by a factor
of 1.2x. If required, the external resistor RISLP can be
reprogrammed higher by a factor of 1.2x. (see Current
Sensing and Programmable Slope Compensation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com