Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8311 Datasheet(PDF) 40 Page - Analog Devices

Part # LT8311
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8311 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT8311 Datasheet HTML 36Page - Analog Devices LT8311 Datasheet HTML 37Page - Analog Devices LT8311 Datasheet HTML 38Page - Analog Devices LT8311 Datasheet HTML 39Page - Analog Devices LT8311 Datasheet HTML 40Page - Analog Devices LT8311 Datasheet HTML 41Page - Analog Devices LT8311 Datasheet HTML 42Page - Analog Devices LT8311 Datasheet HTML 43Page - Analog Devices LT8311 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
LT3752/LT3752-1
40
Rev. C
For more information www.analog.com
RPRI = primary winding resistance
RSEC = secondary winding resistance
If there is a large difference between the core losses and
the copper losses then the number of secondary turns
can be adjusted to achieve a more suitable balance. The
number of primary turns should then be recalculated to
maintain the desired turns ratio.
Primary-Side Power MOSFET Selection
Theselectionoftheprimary-sideN-channelpowerMOSFET
M1 is determined by the maximum levels expected for the
drain voltage and drain current. In addition, the power
losses due to conduction losses, gate driver losses and
transition losses will lead to a fine tuning of the MOSFET
selection. If power losses are high enough to cause an
unacceptabletemperatureriseintheMOSFETthenseveral
MOSFETs may be required to be connected in parallel.
The maximum drain voltage expected for the MOSFET M1
follows from the equations previously stated in the active
clamp topology sections:
VDS (M1) = VIN2/(VIN – (VOUT • N))
The MOSFET should be selected with a BVDSS rating ap-
proximately 20% greater than the above steady state VDS
calculation due to tolerances in duty cycle, load transients,
voltage ripple on CCL and leakage inductance spikes. A
MOSFET with the lowest possible voltage rating for the
application should be selected to minimize switch on re-
sistance for improved efficiency. In addition, the MOSFET
should be selected with the lowest gate charge to further
minimize losses.
MOSFET M1 losses at maximum output current can be
approximated as :
PM1 = PCONDUCTION + PGATEDRIVER + PTRANSITION
(i) PCONDUCTION = (NP/NS) • (VOUT/VIN) • (NS/NP •
IOUT(MAX))2 • RDS(ON)
Note: The on resistance of the MOSFET, RDS(ON), in-
creases with the MOSFET’s junction temperature. RDS(ON)
should therefore be recalculated once junction tem-
perature is known. A final value for RDS(ON) and therefore
PCONDUCTION can be achieved from a few iterations.
(ii) PGATEDRIVER = (QG • INTVCC • fOSC)
where,
QG = gate charge (VGS = INTVCC)
(iii) PTRANSITION = PTURN_OFF + PTURN_ON (≈ 0 if ZVS)
(a) PTURN_OFF = (1/2)IOUT(MAX)(NS/NP)(VIN/1-D)
(QGD/IGATE) • fOSC
where,
QGD = gate to drain charge
IGATE = 2A source/sink for OUT pin gate driver
(b)PTURN_ON=(1/2)IOUT(MAX)(NS/NP)(VDS)(QGD/IGATE)
• fOSC
where,
VDS = M1 drain voltage at the beginning of M1 turn on
VDS typically sits between VIN and 0V (ZVS)
DuringprogrammabletimingtAO,negativeIMAGdischarges
M1 drain SWP towards VIN (Figure 1). ZVS is achieved if
enough leakage inductance exists—to delay the second-
ary side from clamping M1 drain to VIN—and if enough
energy is stored in LMAG to discharge SWP to 0V during
thatdelay.(seeProgrammingActiveClampSwitchTiming:
AOUT to OUT (tAO)).
Synchronous Control (SOUT)
The LT3752 / LT3752-1 use the SOUT pin to communicate
synchronous control information to the secondary side
synchronous rectifier controller (Figure 19). The isolating
transformer(TSYNC),couplingcapacitor(CSYNC)andresis-
tive load (RSYNC)allowthegroundreferencedSOUTsignal
to generate positive and negative signals required at the
SYNC input of the secondary side synchronous rectifier
controller. For the typical LT3752/LT3752-1 applications
operating with an LT8311, CSYNC is 220pF, RSYNC is 560Ω
and TSYNC is typically a PULSE PE-68386NL.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com