Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB210BD Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PB210BD
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PB210BD Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PB210BD Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PB210BD Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PB210BD Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PB210BD Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PB210BD Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PB210BD
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
100
1.0
1.5
2.0
±100
nA
1
10
40
A
203
240
191
230
10
S
802
1002
80
100
41
51
2.5
3.1
Ω
15
2
4
16
330
39
111
10
A
1.4
V
75
nS
0.17
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
STATIC
nC
mΩ
TEST CONDITIONS
nS
VDD = 50V,
ID@ 6A, VGS = 10V, RGEN = 6Ω
td(on)
tr
td(off)
tf
Fall Time
2
Forward Voltage
1
Continuous Current
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
LIMITS
UNIT
Gate Threshold Voltage
IS
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
VGS = 0V, VDS = 25V, f = 1MHz
VSD
Total Gate Charge
2
IF = 6A, VGS = 0V
Input Capacitance
Output Capacitance
Gate Resistance
ID(ON)
VDS = 10V, VGS = 10V
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 6A
DYNAMIC
pF
Ciss
Coss
Qg
VDS = 50V, VGS = 10V,
ID = 6A
Qgd
Qgs
Crss
Rg
VGS = 0V, VDS = 0V, f = 1MHZ
Drain-Source Breakdown Voltage
VGS = 5V, ID = 6A
VDS = 10V, ID = 6A
VGS(th)
Forward Transconductance
1
VGS = 0V, ID = 250mA
V(BR)DSS
Zero Gate Voltage Drain Current
Gate-Body Leakage
On-State Drain Current
1
V
IGSS
IDSS
gfs
VDS = 80V, VGS = 0V
VDS = 80V, VGS = 0V , TJ = 125 °C
VDS = VGS, ID = 250mA
VDS = 0V, VGS = ±20V
mA
PARAMETER
SYMBOL
Reverse Recovery Time
Reverse Recovery Charge
trr
IF = 6A, dl/dt = 500A /
ms
Qrr
Rev 1.2
2
2014/5/23



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com