Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH11P50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH11P50
Description  Standard Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH11P50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH11P50 Datasheet HTML 1Page - IXYS Corporation IXTH11P50 Datasheet HTML 2Page - IXYS Corporation IXTH11P50 Datasheet HTML 3Page - IXYS Corporation IXTH11P50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2005 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
-500
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
-500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
-11
A
I
DM
T
C = 25°C, pulse width limited by TJ
-44
A
I
AR
T
C = 25°C
-11
A
E
AR
T
C = 25°C30
mJ
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque
(TO-247)
1.13/10 Nm/lb.in.
Weight
TO-247 AD
6
g
TO-268
4
g
Standard Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = -250 µA
-500
V
BV
DSS Temperature Coefficient
0.054
%/K
V
GS(th)
V
DS = VGS, ID = -250 µA
-3.0
-5.0
V
V
GS(th) Temperature Coefficient
-0.122
%/K
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8 • VDSS
T
J =25° C
-200
µA
V
GS = 0 V
T
J = 125°C-1
mA
R
DS(on)
V
GS = -10 V, ID = 0.5 • ID25
0.75
Ω
R
DS(on) Temperature Coefficient
0.6 %/K
DS94535J(01/05)
TO-247 AD (IXTH)
G = Gate
D = Drain
S = Source
TAB = Drain
TO-268
(IXTT) Case Style
(TAB)
G
S
Features
International standard packages
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
D
(TAB)
D
V
DSS
= -500 V
I
D25
= -11 A
R
DS(on) =
0.75
Ω
Ω
Ω
Ω
Ω
IXTH 11P50
IXTT 11P50


Similar Part No. - IXTH11P50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH11P50 IXYS-IXTH11P50 Datasheet
123Kb / 2P
Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTH11P50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IZTH6N90 IXYS-IZTH6N90 Datasheet
104Kb / 4P
Standard Power MOSFET
IXTH16P20 IXYS-IXTH16P20 Datasheet
79Kb / 2P
Standard Power MOSFET
IXTH5N100 IXYS-IXTH5N100 Datasheet
104Kb / 4P
Standard Power MOSFET
IXTH10P60 IXYS-IXTH10P60 Datasheet
70Kb / 2P
Standard Power MOSFET
IXTH50P10 IXYS-IXTH50P10 Datasheet
79Kb / 2P
Standard Power MOSFET
IRFP250 IXYS-IRFP250 Datasheet
47Kb / 2P
Standard Power MOSFET
IXTH12N50A IXYS-IXTH12N50A Datasheet
97Kb / 4P
Standard Power MOSFET
IXTH36P10 IXYS-IXTH36P10 Datasheet
81Kb / 2P
Standard Power MOSFET
IXTT24P20 IXYS-IXTT24P20 Datasheet
563Kb / 5P
Standard Power MOSFET
IXTT50P10 IXYS-IXTT50P10 Datasheet
123Kb / 4P
Standard Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com