Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH75N10 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH75N10
Description  MegaMOS FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH75N10 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH75N10 Datasheet HTML 1Page - IXYS Corporation IXTH75N10 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1997 IXYS All rights reserved
S
G
S
D
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
High Current
Power MOSFET
N-Channel Enhancement Mode
V
DSS
I
D25
R
DS(on)
IXTN 58N50
500 V
58 A 85 m
Ω
Ω
Ω
Ω
Ω
IXTN 61N50
500 V
61 A 75 m
Ω
Ω
Ω
Ω
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
500
V
V
DGR
T
J
= 25°C to 150°C; R
GS = 1.0 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
IXTN 58N50
58
A
IXTN 61N50
61
A
I
DM
T
C = 25°C
IXTN 58N50
232
A
Pulse width limited by T
JM
IXTN 61N50
244
A
P
D
T
C = 25°C
625
W
T
J
-40 ... +150
°C
T
JM
150
°C
T
stg
-40 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 minute
2500
V~
t = 1s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque (M4)
1.5/13 Nm/lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS = 0 V, ID = 5 mA
500
V
V
GS(th)
V
DS = V GS
,
I
D = 12 mA
1.7
4.0
V
I
GSS
V
GS = ±20 V DC, VDS = 0
±200
nA
I
DSS
V
DS = 0.8 V DSS
T
J = 25°C
500
µA
V
GS = 0 V
T
J = 125°C
2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
58N50
85
m
Ω
61N50
75
m
Ω
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
Preliminary Data
Features
• International standard package
• Isolation voltage 3000V (RMS)
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Low drain-to-case capacitance
(<100 pF)
- reduced RFI
• Low package inductance (< 10 nH)
- easy to drive and to protect
• Aluminium Nitride Isolation
- increased current ratings
Applications
• DC choppers
• AC motor speed controls
• DC servo and robot drives
• Uninterruptible power supplies (UPS)
• Switched mode and resonant mode
power supplies
Advantages
• Easy to mount
• Space savings
• High power density
miniBLOC, SOT-227 B
E153432
95501B(4/97)


Similar Part No. - IXTH75N10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH75N10 IXYS-IXTH75N10 Datasheet
111Kb / 4P
MegaMOSFET
logo
Inchange Semiconductor ...
IXTH75N10 ISC-IXTH75N10 Datasheet
381Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTH75N10L2 IXYS-IXTH75N10L2 Datasheet
145Kb / 5P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
logo
Inchange Semiconductor ...
IXTH75N10L2 ISC-IXTH75N10L2 Datasheet
382Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH75N10

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKV460FP SANKEN-FKV460FP Datasheet
14Kb / 1P
MOS FET
logo
IXYS Corporation
IRFP470 IXYS-IRFP470 Datasheet
47Kb / 2P
N-Channel Enhancement Mode MegaMOS FET
IXTH12N90 IXYS-IXTH12N90 Datasheet
102Kb / 4P
MegaMOS FET
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
MegaMOS - Power MOSFET
IXTH20N60 IXYS-IXTH20N60 Datasheet
105Kb / 4P
MegaMOS FET
IXTH30N50 IXYS-IXTH30N50 Datasheet
59Kb / 2P
MegaMOS FET
IXTH50N20 IXYS-IXTH50N20 Datasheet
111Kb / 4P
MegaMOS FET
IXTM10N100 IXYS-IXTM10N100 Datasheet
106Kb / 4P
MegaMOS FET
IRFP360 IXYS-IRFP360 Datasheet
50Kb / 2P
MegaMOS FET
IXTN120N25 IXYS-IXTN120N25 Datasheet
584Kb / 5P
High Current MegaMOS FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com