Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTM12N100 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTM12N100
Description  MegaMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTM12N100 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTM12N100 Datasheet HTML 1Page - IXYS Corporation IXTM12N100 Datasheet HTML 2Page - IXYS Corporation IXTM12N100 Datasheet HTML 3Page - IXYS Corporation IXTM12N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
IXTH10N100
IXTH12N100
IXTM10N100
IXTM12N100
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
BV
DSS
V
GS(th)
T
C - Degrees C
-50
-25
0
25
50
75
100 125 150
0
2
4
6
8
10
12
14
16
18
20
10N100
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
I
D - Amperes
0
5
10
15
20
25
0.9
1.0
1.1
1.2
1.3
1.4
1.5
V
GS = 10V
V
GS - Volts
01
2
345
67
89
10
0
2
4
6
8
10
12
14
16
18
20
V
DS - Volts
0
5
10
15
20
0
2
4
6
8
10
12
14
16
18
20
6V
7V
V
GS = 10V
12N100
I
D = 6A
V
GS = 15V
5V
T
J = 25°C
T
J = 25°C
T
J = 25°C
Fig. 1 Output Characteristics
Fig. 2 Input Admittance
Fig. 3 R
DS(on) vs. Drain Current
Fig. 4 Temperature Dependence
of Drain to Source Resistance
Fig. 5 Drain Current vs.
Fig. 6 Temperature Dependence of
Case Temperature
Breakdown and Threshold Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com