Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKP385E24740API2W0 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP385E24740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E24740API2W0 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP385E24740API2W0 Datasheet HTML 1Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 2Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 3Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 4Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 5Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
4
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION
w x h x l
(mm)
P1
(mm)
P2
(mm)
du/dt
(V/μs)R
IPEAK
(A)
IRMS (1)
(A)
ESR (2)
(m
)
tan
(3)
(10-4)
ORDERING CODE (4)
MKP385e....
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
400
URAC = 200 V, Up-p = 560 V, C-TOL. = ± 10 %
0.047
7.0 x 13.5 x 17.5
15
-
115
5.4
1.6
-
78
-
35
-
34740KF[1]2[2]0
0.056
6.4
1.8
-
66
-
35
-
35640KF[1]2[2]0
0.068
7.8
1.9
-
54
-
35
-
36840KF[1]2[2]0
0.082
9.4
1.9
-
58
-
45
-
38240KF[1]2[2]0
0.10
11.5
2.1
-
47
-
45
-
41040KF[1]2[2]0
0.12
13.8
2.3
-
39
-
45
-
41240KF[1]2[2]0
0.15
8.5 x 15.0 x 17.5
17.3
2.8
-
32
-
45
-
41540KF[1]2[2]0
0.18
20.7
3.0
-
26
-
45
-
41840KF[1]2[2]0
0.22
25.3
2.6
-
36
-
75
-
42240KF[1]2[2]0
0.27
10.0 x 16.5 x 17.5
31.1
3.1
-
29
-
75
-
42740KF[1]2[2]0
0.33
38.0
3.4
-
24
-
75
-
43340KF[1]2[2]0
0.39
10.5 x 17.5 x 18.0
44.9
3.9
-
20
-
75
-
43940KF[1]2[2]0
0.47
11.0 x 18.5 x 18.0
54.1
4.4
-
17
-
75
-
44740KF[1]2[2]0
0.22
7.0 x 16.5 x 26.0
22.5
-
130
28.6
2.7
-
36
-
75
-
42240KI[1]2[2]0
0.27
35.1
3.0
-
29
-
75
-
42740KI[1]2[2]0
0.33
8.5 x 18.0 x 26.0
42.9
3.6
-
24
-
75
-
43340KI[1]2[2]0
0.39
50.7
3.9
-
20
-
75
-
43940KI[1]2[2]0
0.47
10.0 x 19.5 x 26.0
61.1
4.5
-
17
-
75
-
44740KI[1]2[2]0
0.56
72.8
4.3
-
19
-
100
-
45640KI[1]2[2]0
0.68
12.0 x 22.0 x 26.0
88.4
5.2
-
15
-
100
-
46840KI[1]2[2]0
0.82
106.6
5.4
-
14
-
110
-
48240KI[1]2[2]0
1.00
130.0
6.0
-
12
-
110
-
51040KI[1]2[2]0
1.20
12.5 x 22.5 x 26.5
156.0
6.7
-
10
-
110
-
51240KI[1]2[2]0
0.47
9.0 x 19.0 x 31.0
27.5
-
80
37.6
3.7
-
22
-
100
-
44740KK[1]2[2]0
0.56
44.8
4.1
-
19
-
100
-
45640KK[1]2[2]0
0.68
11.0 x 21.0 x 31.0
54.4
4.9
-
15
-
100
-
46840KK[1]2[2]0
0.82
65.6
5.1
-
14
-
110
-
48240KK[1]2[2]0
1.0
80.0
6.2
-
9
-
110
-
51040KK[1]2[2]0
1.2
13.0 x 23.0 x 31.0
96.0
6.6
-
10
-
110
-
51240KK[1]2[2]0
1.5
120.0
7.4
-
8
-
110
-
51540KK[1]2[2]0
1.8
15.0 x 25.0 x 31.0
144.0
8.1
-
7
-
125
-
51840KK[1]2[2]0
2.2
18.0 x 28.0 x 31.0
176.0
9.8
-
6
-
125
-
52240KK[1]2[2]0
2.7
216.0
10.3
-
5
-
140
-
52740KK[1]2[2]0
3.3
21.0 x 31.0 x 31.0
264.0
11.5
-
5
-
160
-
53340KK[1]2[2]0
3.9
312.0
12.6
-
4
-
160
-
53940KK[1]2[2]0
3.3
15.7 x 28.5 x 41.5
37.5
-
45
148.5
9.8
-
7
-
190
-
53340KP[1]2T0
3.9
175.5
10.2
-
7
-
200
-
53940KP[1]2T0
4.7
18.0 x 32.5 x 41.5
211.5
11.6
-
6
-
225
-
54740KP[1]2T0
5.6
252.0
12.0
-
6
-
245
-
55640KP[1]2T0
6.8
21.5 x 38.5 x 43.0
10.2
306.0
14.0
14.7
5
5
285
260
56840KP[1]4T0
8.2
369.0
14.2
15.0
5
5
325
295
58240KP[1]4T0
10
24.0 x 44.0 x 42.0
450.0
15.4
16.2
5
5
390
355
61040KP[1]4T0
12
30.0 x 45.0 x 42.0
20.3
540.0
16.6
17.4
5
5
465
420
61240KP[1]5T0
15
675.0
16.4
17.2
5
5
595
540
61540KP[1]5T0
Notes
(1) IRMS at 85 °C ambient temperature and 100 kHz
(2) ESR at 85 °C and 100 kHz
(3) Maximum tan
 value at 100 kHz
(4) Please replace “[1]” by the lead length code and the “[2]” by the packaging type in accordance with section “Composition of Catalog
Number”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com