Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKP385E34740API2W0 Datasheet(PDF) 24 Page - Vishay Siliconix

Part # MKP385E34740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E34740API2W0 Datasheet(HTML) 24 Page - Vishay Siliconix

Back Button MKP385E34740API2W0 Datasheet HTML 20Page - Vishay Siliconix MKP385E34740API2W0 Datasheet HTML 21Page - Vishay Siliconix MKP385E34740API2W0 Datasheet HTML 22Page - Vishay Siliconix MKP385E34740API2W0 Datasheet HTML 23Page - Vishay Siliconix MKP385E34740API2W0 Datasheet HTML 24Page - Vishay Siliconix MKP385E34740API2W0 Datasheet HTML 25Page - Vishay Siliconix MKP385E34740API2W0 Datasheet HTML 26Page - Vishay Siliconix MKP385E34740API2W0 Datasheet HTML 27Page - Vishay Siliconix MKP385E34740API2W0 Datasheet HTML 28Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
24
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C2
4.11
Damp heat steady state
56 days; 40 °C; 90 % to 95 % RH
no load
4.11.1
Initial measurements
Capacitance
Tangent of loss angle at 1 kHz
4.11.3
Final measurements
Voltage proof = URDC for 1 min within
15 min after removal from test chamber
No breakdown or flashover
Visual examination
No visible damage
Legible marking
Capacitance
l
C/Cl  2 % of the value measured in
4.11.1.
Tangent of loss angle
Increase of tan
 0.0025 at 1 kHz
Compared to values measured in 4.11.1.
Insulation resistance
 50 % of values specified in section
“Insulation resistance” of this specification
SUB-GROUP C2A
4.12A
Damp heat steady state with load
60 °C; 93 % RH load:
URDC duration: 56 days
4.12.1A Initial measurements
Capacitance
Tangent of loss angle at
for C
 1 μF at 10 kHz
for C > 1 μF at 1 kHz
4.12.3A Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
l
C/Cl  10 % of the value measured in
4.12.1.
Tangent of loss angle
Increase of tan
:
 0.0240 for C  1 μF or
 0.0150 for C > 1 μF
Compared to values measured in 4.12.1.
Voltage proof
URDC; 1 min between terminations
No permanent breakdown or flashover
Insulation resistance
 50 % of values specified in section
“Insulation resistance” of this specification
IEC 60384-17 - FIXED METALLIZED POLYPROPYLENE FILM DIELECTRIC AC AND PULSE
CAPACITORS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com