Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012-J Datasheet(PDF) 1 Page - TDK Electronics

Part # MPZ2012-J
Description  Chip beads For A2B
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ2012-J Datasheet(HTML) 1 Page - TDK Electronics

  MPZ2012-J Datasheet HTML 1Page - TDK Electronics MPZ2012-J Datasheet HTML 2Page - TDK Electronics MPZ2012-J Datasheet HTML 3Page - TDK Electronics MPZ2012-J Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20190423
(1/4)
beads_automotive_power_mpz2012-j_en.fm
EMC Components
Chip beads
For A2B
MPZ-J series
MPZ2012-J type
FEATURES
Noise reduction solution optimized for A2B.
Bus power can be provided in the differential line for low resistance.
Impedance is ideal for application that recommend for narrow tolerance specification(±5%).
Operating temperature range: –55 to +125°C (including self-temperature rise)
Compliant with AEC-Q200
APPLICATION
Automotive A2B (Audiobus)
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Please refer to the graph of rated current vs. temperature characteristics (derating) about the rating current at 85°C or more in temperature of the product.
 Same lot impedance tolerance is warranting in Ave±5%.
Measurement equipment
* Equivalent measurement equipment may be used.
Rated current vs. temperature characteristics (derating)
MPZ
2012
S
102
J
T
D25
Series name
L×W×T dimensions
Material name
Impedance
Characteristic
type
Packaging style
Internal code
2.0×1.25x0.85 mm
(
) at 100MHz
Impedance
DC resistance
Rated current
Part No.
[100MHz]
(
)
Tolerance
(
)max.
(A)max.
1000
±25%
0.150
1.5
MPZ2012S102JTD25
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Keysight Technologies
DC resistance
Type-7556
Yokogawa
AEC-Q200
0.0
0.8
0.6
0.4
0.2
1.0
1.2
1.4
1.6
–55 –35
–15
5
25
45
65
85
105
125
Temperature (°C)
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - MPZ2012-J

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012 Datasheet
41Kb / 2P
Ferrite Beads
MPZ2012 EMC-MPZ2012 Datasheet
65Kb / 2P
Chip Beads(SMD) For Power Line
logo
TDK Electronics
MPZ2012 TDK-MPZ2012 Datasheet
229Kb / 11P
Chip Beads For Power Line
MPZ2012 TDK-MPZ2012 Datasheet
334Kb / 13P
Chip Beads For power line MPZ series
MPZ2012 TDK-MPZ2012 Datasheet
117Kb / 10P
Chip Beads For power line
More results

Similar Description - MPZ2012-J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
Chip Beads For power line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
Chip Beads For signal line
logo
Murata Manufacturing Co...
BLM21PG221SH1D MURATA-BLM21PG221SH1D Datasheet
66Kb / 3P
For Automotive Chip Ferrite Beads for Automotive
BLM21BD272SH1L MURATA-BLM21BD272SH1L Datasheet
134Kb / 6P
For Automotive Chip Ferrite Beads for Automotive
logo
TDK Electronics
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
Chip Beads For Power Line
HF30ACB321611-T TDK-HF30ACB321611-T_15 Datasheet
102Kb / 8P
Chip Beads
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
Chip beads For power line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com