Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC19 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MCC19
Description  Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC19 Datasheet(HTML) 4 Page - IXYS Corporation

  MCC19 Datasheet HTML 1Page - IXYS Corporation MCC19 Datasheet HTML 2Page - IXYS Corporation MCC19 Datasheet HTML 3Page - IXYS Corporation MCC19 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
1.3
180
°
1.35
120
°
1.39
60
°
1.42
30
°
1.45
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.018
0.0033
2
0.041
0.0216
3
1.241
0.191
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor)
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
1.5
180
°
1.55
120
°
1.59
60
°
1.62
30
°
1.65
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.018
0.0033
2
0.041
0.0216
3
1.241
0.191
4
0.2
0.46
MCC 19



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com