Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISA4080 Datasheet(PDF) 2 Page - Silicon Supplies

Part # SISA4080
Description  Current Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SISA4080 Datasheet(HTML) 2 Page - Silicon Supplies

  SISA4080 Datasheet HTML 1Page - Silicon Supplies SISA4080 Datasheet HTML 2Page - Silicon Supplies SISA4080 Datasheet HTML 3Page - Silicon Supplies SISA4080 Datasheet HTML 4Page - Silicon Supplies SISA4080 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
d
Current Sense Amplifier – SiSA4080
Rev 1.0
14/10/20
COORDINATES
(µm)
PAD
FUNCTION
X
Y
1
RS +
1185
720
2
VCC
195
710
3
NC
-
-
4
GND
45
710
5
OUT
45
350
6
NC
-
-
7
NC
-
-
8
RS -
1185
45
ISOLATE CHIP BACKSIDE
Pad Layout and Functions
1330µm (52.36 mils)
Functional Diagram
4
5
8
1
2
Pinout (Assembled in VSSOP)
1
2
3
4
5
6
7
8
RS+
VCC
NC
GND
OUT
NC
NC
RS-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com