Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES0330 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES0330
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0330 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES0330 Datasheet HTML 1Page - Balluff Korea Ltd. BES0330 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES 516-209-SA1-S21-E
Order Code: BES0330
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 253682
ETIM 6.0: EC002714
BES0330_0.22_2020-03-05
2 / 2
Remarks
Ta ≥ 25 °C… ≤ 70 °C: Ie= 130 - 0.67x(Ta-25)
Leakage current Ir max. at rated operating voltage Ue AC 110 V
Once the overload has been eliminated, interrupt operating voltage Vs for approx. 2 sec.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com