Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB606BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PB606BA
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PB606BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PB606BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PB606BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PB606BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PB606BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PB606BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PB606BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1.3
1.75
2.3
±100
nA
1
10
19
24
13
16
31
S
329
68
48
2.6
Ω
8.1
4.5
1.1
2.4
17
17
37
18
1.5
A
1
V
9.6
nS
2.9
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
UNITS
Gate Resistance
VGS = 0V, VDS = 0V, f = 1MHz
Total Gate Charge
2
Qg(VGS=4.5V
)
Gate-Body Leakage
VGS(th)
Forward Transconductance
1
VDS =20V, VGS = 0V, TJ = 55°C
VGS = 4.5V, ID = 6A
SYMBOL
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = 250mA
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Ciss
VDS =10V, ID = 7A
Input Capacitance
Qgd
gfs
PARAMETER
VDS = 15V , ID = 7A
Output Capacitance
Qg(VGS=10V)
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
V(BR)DSS
nC
Qgs
TEST CONDITIONS
VSD
trr
IF = 7A, VGS = 0V
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
nS
VDD = 15V
ID @ 7A, VGEN = 10V, RG = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
pF
STATIC
Drain-Source Breakdown
Voltage
V
VGS = 0V, VDS = 15V, f = 1MHz
mΩ
mA
DYNAMIC
IF = 7A, dlF/dt = 100A / mS
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
LIMITS
VGS = 0V, ID = 250mA
Rg
IS
VDS =24V, VGS = 0V
Drain-Source On-State
Resistance
1
RDS(ON)
VGS =10V, ID = 7A
REV 1.0
2
2014/12/17



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com