Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC561BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PC561BA
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PC561BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PC561BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PC561BA
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
-30
-1.3
-1.6
-2.3
±100
nA
-1
-10
46
85
32
45
10
S
585
90
67
12
6
1.5
3.3
17
24
18
39
-2
A
-1.1
V
10
nS
2
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
Reverse Recovery Time
IF = -4A, dlF/dt = 100A / mS
VSD
Fall Time
2
Forward Voltage
1
TEST CONDITIONS
mΩ
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -10V, ID = -4A
VDS = -20V, VGS = 0V , TJ = 55 °C
nS
VDD = -15V, VGS = -10V
ID @ -4A, RGS = 6Ω
td(on)
tr
td(off)
tf
Output Capacitance
Gate-Drain Charge
2
Gate-Source Charge
2
Qrr
Reverse Recovery Charge
Continuous Current
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
IF = -4A, VGS = 0V
IS
VGS = 0V, VDS = -15V, f = 1MHz
Reverse Transfer Capacitance
trr
Drain-Source Breakdown
Voltage
VGS = -4.5V, ID = -4A
VDS = -5V, ID = -4A
VGS(th)
Forward Transconductance
1
VGS = 0V, ID = -250mA
V(BR)DSS
Qg(VGS= -4.5V)
Ciss
Coss
Crss
Qgd
Qgs
gfs
Gate Threshold Voltage
DYNAMIC
V
IGSS
pF
VDS = -24V, VGS = 0V
Gate-Body Leakage
Input Capacitance
IDSS
VDS = VGS, ID = -250mA
VDS = 0V, VGS = ±20V
Zero Gate Voltage Drain Current
STATIC
LIMITS
UNITS
PARAMETER
SYMBOL
Total Gate Charge
2
VDS = -15V , VGS =-10V,
ID = -4A
nC
Qg(VGS= -10V)
mA
REV 1.0
2
2016/5/31



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com