Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF322513-R47K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CF322513-R47K
Description  Ferrite Multi-Layer High Current Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CF322513-R47K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CF322513-R47K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bourns Part No.
Inductance
Q
Test Freq.
SRF MHz
DCR
I rms
µH
Tol. %
min.
L,Q MHz
min.
Ω max.
mA max.
CF322513-R12K
0.12
±10
30
25.2
500
0.22
450
CF322513-R15K
0.15
±10
30
25.2
450
0.25
450
CF322513-R18K
0.18
±10
30
25.2
400
0.28
450
CF322513-R22K
0.22
±10
30
25.2
350
0.32
450
CF322513-R27K
0.27
±10
30
25.2
320
0.36
450
CF322513-R33K
0.33
±10
30
25.2
300
0.40
450
CF322513-R39K
0.39
±10
30
25.2
250
0.45
450
CF322513-R47K
0.47
±10
30
25.2
220
0.50
450
CF322513-R56K
0.56
±10
30
25.2
180
0.55
450
CF322513-R68K
0.68
±10
30
25.2
160
0.60
450
CF322513-R82K
0.82
±10
30
25.2
140
0.65
450
CF322513-1R0K
1.0
±10
30
7.96
120
0.70
400
CF322513-1R2K
1.2
±10
30
7.96
100
0.75
390
CF322513-1R5K
1.5
±10
30
7.96
85
0.85
370
CF322513-1R8K
1.8
±10
30
7.96
80
0.90
350
CF322513-2R2K
2.2
±10
30
7.96
75
1.00
320
CF322513-2R7K
2.7
±10
30
7.96
70
1.10
290
CF322513-3R3K
3.3
±10
30
7.96
60
1.20
260
CF322513-3R9K
3.9
±10
30
7.96
55
1.30
250
CF322513-4R7K
4.7
±10
30
7.96
50
1.50
220
CF322513-5R6K
5.6
±10
30
7.96
47
1.60
200
CF322513-6R8K
6.8
±10
30
7.96
43
1.80
180
CF322513-8R2K
8.2
±10
30
7.96
40
2.00
170
CF322513-100K
10.0
±10
30
2.52
36
2.10
150
CF322513-120K
12.0
±10
30
2.52
33
2.50
140
CF322513-150K
15.0
±10
30
2.52
30
2.80
130
CF322513-180K
18.0
±10
30
2.52
27
3.30
120
CF322513-220K
22.0
±10
30
2.52
25
3.70
110
CF322513-270K
27.0
±10
30
2.52
20
5.00
80
CF322513-330K
33.0
±10
30
2.52
17
5.60
70
9.0
(.354)
12.0
(.472)
2.0 ± 0.8
(.079 ± .031)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
Packaging Specifications
CF322513 Series - Ferrite Multi-Layer High Current Chip Inductors
Features
■
1210 size
■
Magnetic shielding
■
High Q characteristics
■
High current
■
Lead free
Applications
■
Prevention of electromagnetic
interference to signals on the secondary
side of electronic equipment
Electrical Specifications
Product Dimensions
Recommended Layout
3.2 ± 0.2
(.126 ± .008)
0.8
(.031)
MAX.
2.5 ± 0.2
(.098 ± .008)
1.3 ± 0.2
(.051 ± .008)
General Specifications
Temperature Rise
...................40 ˚C max. at rated current
Operating Temperature
..................................-55 °C to +125 °C
Storage Temperature..-55 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
.................................260 ˚C, 5 seconds
Materials
Base Material ................................Ferrite
Terminal ..........................Pd/Pt/Ag/Ni/Sn
Packaging..................2,500 pcs. per reel
3.4
(.134)
2.2
(.087)
1.1
(.043)
1.1
(.043)
DIMENSIONS:
MM
(INCHES)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
8.0
(.315)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 05/05


Similar Part No. - CF322513-R47K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
CF322522 FRONTIER-CF322522 Datasheet
121Kb / 5P
Tape and Reel Specifications
CF322522-100K FRONTIER-CF322522-100K Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
CF322522-101K FRONTIER-CF322522-101K Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
CF322522-120K FRONTIER-CF322522-120K Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
More results

Similar Description - CF322513-R47K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805 CT-CTML0805 Datasheet
228Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805HCF CT-CTML0805HCF Datasheet
166Kb / 1P
Multi-layer High Current Chip Inductors - Ferrite
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com