Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC255 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MCC255
Description  Thyristor Modules Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC255 Datasheet(HTML) 3 Page - IXYS Corporation

  MCC255 Datasheet HTML 1Page - IXYS Corporation MCC255 Datasheet HTML 2Page - IXYS Corporation MCC255 Datasheet HTML 3Page - IXYS Corporation MCC255 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
I2dt
I
TAVM
/
I
FAVM
I
dAVM
P
tot
W
T
A
TA
T
C
s
t
ms
t
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
110
104
105
106
A2s
0
255075
100
125
150
0
100
200
300
400
I
TSM
A
A
°C
I
TAVM
I
FAVM
0
255075
100
125
150
0
100
200
300
0
100
200
300
400
500
W
P
tot
A
°C
R
thKA K/W
0
25
50
75
100
125
150
0
200
400
600
0
500
1000
1500
2000
°C
0.1
0.2
0.3
0.4
0.6
0.8
1.0
80 % V
RRM
T
VJ = 45°C
50 Hz
T
VJ = 130°C
T
VJ = 45°C
T
VJ = 130°C
A
R
thKA K/W
0.03
0.06
0.1
0.15
0.2
0.3
0.4
Circuit
B6
3xMCD255
3xMCC255 or
180° sin
120°
60°
30°
DC
180° sin
120°
60°
30°
DC
MCC 255
MCD 255
Fig. 3 Surge overload current
I
TSM, IFSM: Crest value, t: duration
Fig. 4
òi2dt versus time (1-10 ms)
Fig. 4a Maximum forward current
at case temperature
Fig. 5
Power dissipation versus on-
state current and ambient
temperature (per thyristor or
diode)
Fig. 6 Three phase rectifier bridge:
Power dissipation versus direct
output current and ambient
temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com