Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC628ANJR Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SC628ANJR
Description  Voltage Rating 6 to 28 VAC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC628ANJR Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SC628ANJR Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
0810 5
0811 1
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010 ·
www.mallory-sonalert.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.6 oz (45g)
Inches (mm)
Approved with use of ACC03.
Please contact factory.
NEMA 3R,4X, & 12
Options
PART DIMENSIONS BEFORE CODE DATE:
PART DIMENSIONS AFTER CODE DATE:
cUL Recognized
Dimensions:
-40° to +85° C
Loudness (Max Voltage)
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Panel Mounting
Weight (Typical)
-30° to +65° C
Housing Material
Storage Temperature
Operating Temperature
95dB(A) min @ 2 FT and 28 vac/dc
Knurled Nut
6/6 Nylon, Color: Black
Frequency
Loudness @ 2 FT Typ.
Current Draw
4-30mA
Loudness (Min Voltage)
80dB(A) min @ 2 FT and 6 vac/dc
Sound Level Category
2900 ± 500 Hz
Loud
6 to 28 VAC/DC
Mode of Operation
Slow Pulse @ 0.5 - 2.5 PPS
Voltage Rating
90 to 103 dB(A) Typ.
SC628ANJR
F
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Specifications:


Similar Part No. - SC628ANJR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628AN-BTR MSPI-SC628AN-BTR Datasheet
84Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ANPR MSPI-SC628ANPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ANR MSPI-SC628ANR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
More results

Similar Description - SC628ANJR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628ADJR MSPI-SC628ADJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ADPR MSPI-SC628ADPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ADR MSPI-SC628ADR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AEJR MSPI-SC628AEJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AFPR MSPI-SC628AFPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AKR MSPI-SC628AKR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628APR MSPI-SC628APR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AN-BTR MSPI-SC628AN-BTR Datasheet
84Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628MA MSPI-SC628MA Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628MAH MSPI-SC628MAH Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VAC/DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com