Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT164 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT164
Description  Serial-In, Parallel-Out Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT164 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74ACT164 Datasheet HTML 1Page - National Semiconductor (TI) 74ACT164 Datasheet HTML 2Page - National Semiconductor (TI) 74ACT164 Datasheet HTML 3Page - National Semiconductor (TI) 74ACT164 Datasheet HTML 4Page - National Semiconductor (TI) 74ACT164 Datasheet HTML 5Page - National Semiconductor (TI) 74ACT164 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Units
TA ea25 C
TA eb40 C
CL e 50 pF
to a85 C
CL e 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
50
100
80
MHz
Frequency
tPLH
Propagation Delay
50
10
60
115
10
125
ns
CP to Qn
tPHL
Propagation Delay
50
10
60
115
10
125
ns
CP to Qn
tPHL
Propagation Delay
50
10
60
130
10
145
ns
MR to Qn
Voltage Range 50 is 50V g05V
AC Operating Requirements
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Units
TA ea25 C
TA eb40 C
CL e 50 pF
to a85 C
CL e 50 pF
Typ
Guaranteed Minimum
tS
Set-Up Time HIGH or LOW
50
05
70
80
ns
AorBtoCP
tH
Hold Time HIGH or LOW
50
00
15
15
ns
CP toAorB
tW
Pulse Width HIGH or LOW
50
05
70
80
ns
CP to MR
tREC
Recovery Time
50
05
20
20
ns
MR to CP
Voltage Range 50 is 50V g05V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
45
pF
VCC e OPEN
CPD
Power Dissipation
450
pF
VCC e 50V
Capacitance
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com