Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT164SCX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT164SCX
Description  Serial-In, Parallel-Out Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT164SCX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74ACT164SCX Datasheet HTML 1Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 2Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 3Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 4Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 5Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Functional Description
The 74ACT164 is an edge-triggered 8-bit shift register with
serial data entry and an output from each of the eight
stages Data is entered serially through one of two inputs (A
or B) either of these inputs can be used as an active High
Enable for data entry through the other input An unused
input must be tied High
Each Low-to-High transition on the Clock (CP) input shifts
data one place to the right and enters into Q0 the logical
AND of the two data inputs (A
 B) that existed before the
rising clock edge A Low level on the Master Reset (MR)
input overrides all other inputs and clears the register asyn-
chronously forcing all Q outputs Low
Function Table
Operating
Inputs
Outputs
Mode
MR
ABQ0
Q1–Q7
Reset (Clear)
L
X
X
L
L – L
Shift
H
L
L
L
Q0–Q6
HL
H
L
Q0–Q6
HH
L
L
Q0–Q6
HH
H
H
Q0–Q6
H e High Voltage Levels
L e Low Voltage Levels
X e Immaterial
Q e Lower case letters indicate the state of the referenced input or
output one setup time prior to the Low-to-High clock transition
Logic Diagram
TLF11553 – 3
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com