Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX163245 Datasheet(PDF) 8 Page - STMicroelectronics

Part # 74VCX163245
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX163245 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 74VCX163245 Datasheet HTML 4Page - STMicroelectronics 74VCX163245 Datasheet HTML 5Page - STMicroelectronics 74VCX163245 Datasheet HTML 6Page - STMicroelectronics 74VCX163245 Datasheet HTML 7Page - STMicroelectronics 74VCX163245 Datasheet HTML 8Page - STMicroelectronics 74VCX163245 Datasheet HTML 9Page - STMicroelectronics 74VCX163245 Datasheet HTML 10Page - STMicroelectronics 74VCX163245 Datasheet HTML 11Page - STMicroelectronics 74VCX163245 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74VCX163245
8/15
AC ELECTRICAL CHARACTERISTICS
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device
switching in the same direction, either HIGH or LOW (tOSLH =| tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|
2) Parameter guaranteed by design
CAPACITANCE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16 (per circuit)
Symbol
Parameter
Test Condition TA = -40 to 85 °C
Unit
VCCB = 1.8 ± 0.15V VCCB = 1.8 ± 0.15V
VCCB = 2.5 ± 0.2V
VCCA =2.5 ± 0.2V
VCCA = 3.3 ± 0.3V
VCCA = 3.3 ± 0.3V
Min.
Max.
Min.
Max.
Min.
Max.
tPLH,tPHL Propagation Delay Time An to Bn
1.0
5.8
1.0
6.2
1.0
4.4
ns
tPLH,tPHL Propagation Delay Time Bn to An
1.0
5.5
1.0
5.1
1.0
4.0
tPZL,tPZH Output Enable Time OE to An
1.0
5.3
1.0
5.1
1.0
4.0
ns
tPZL,tPZH Output Enable Time OE to Bn
1.0
8.3
1.0
8.2
1.0
4.6
tPLZ,tPHZ Output Disable Time OE to An
1.0
5.2
1.0
5.6
1.0
4.8
ns
tPLZ,tPHZ Output Disable Time OE to Bn
1.0
4.6
1.0
4.5
1.0
4.4
tOSLH
tOSHL
Output To Output Skew Time
(note1, 2)
5.0
0.5
0.75
ns
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA =25 °C
-40to85°C
Min.
Typ.
Max.
Min.
Max.
CINA
Input Capacitance
open
open
5
V
CI/O
Input/Output
Capacitance
2.5
3.3
6
V
CPD
Power Dissipation
Capacitance
2.5
3.3
f=10MHz
20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com