Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX163245LB Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VCX163245LB
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX163245LB Datasheet(HTML) 1 Page - STMicroelectronics

  74VCX163245LB Datasheet HTML 1Page - STMicroelectronics 74VCX163245LB Datasheet HTML 2Page - STMicroelectronics 74VCX163245LB Datasheet HTML 3Page - STMicroelectronics 74VCX163245LB Datasheet HTML 4Page - STMicroelectronics 74VCX163245LB Datasheet HTML 5Page - STMicroelectronics 74VCX163245LB Datasheet HTML 6Page - STMicroelectronics 74VCX163245LB Datasheet HTML 7Page - STMicroelectronics 74VCX163245LB Datasheet HTML 8Page - STMicroelectronics 74VCX163245LB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
June 2003
s
HIGH SPEED: tPD = 4.4ns (MAX.) at TA=85°C
VCCA =3.0V VCCB =2.3V
s
LOW POWER DISSIPATION:
ICCA =ICCB =20µA(MAX.) at TA=85°C
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOHA|= IOLA = 12mA MIN at
VCCA =3.0V VCCB = 1.65V or 2.3V
|IOHA|= IOLA = 8mA MIN at
VCCA =2.3V VCCB = 1.65V)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
OPERATING VOLTAGE RANGE:
VCCA(OPR)= 2.3Vto 3.6V(1.2VData Retention)
VCCB(OPR)=1.65Vto2.7V(1.2VDataRetention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16245
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74VCX163245 is a dual supply low voltage
CMOS 16-BIT BUS TRANSCEIVER fabricated
with sub-micron silicon gate and five-layer metal
wiring C2MOS technology. Designed for use as an
interface between a 3.3V bus and a 2.5V or 1.8V
bus in a mixed 3.3V/1.8V,3.3V/2.5V and 2.5V/
1.8V supply systems, it achieves high speed
operation while maintaining the CMOS low power
dissipation.
This IC is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
nDIR inputs. The enable inputs nOE canbeused
to disable the device so that the buses are
effectively isolated. The A-port interfaces with the
3V bus, the B-port with the 2.5V and 1.8V bus.
All inputs are equipped with protection circuits
against static discharge, giving them 2KV ESD im-
munity and transient excess voltage. All floating
bus terminals during High Z State must be held
HIGH or LOW.
74VCX163245
16-BIT DUAL SUPPLY BUS TRANSCEIVER
LEVEL TRANSLATOR
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
ORDER CODES
PACKAGE
TRAY
T & R
TSSOP48
74VCX163245TTR
TFBGA54
74VCX163245LB
74VCX163245LBR
µTFBGA42
74VCX163245TB
74VCX163245TBR
TSSOP
µTFBGA
TFBGA
TARGET DATA
LOGIC DIAGRAM


Similar Part No. - 74VCX163245LB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX163245 FAIRCHILD-74VCX163245 Datasheet
87Kb / 9P
Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245G FAIRCHILD-74VCX163245G Datasheet
87Kb / 9P
Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74VCX163245G ONSEMI-74VCX163245G Datasheet
316Kb / 14P
Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245GX FAIRCHILD-74VCX163245GX Datasheet
87Kb / 9P
Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

Similar Description - 74VCX163245LB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
74VCXHQ163245 STMICROELECTRONICS-74VCXHQ163245 Datasheet
643Kb / 17P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH BUS HOLD AND EMI NOISE CONTROL
24-Jan-2005
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
01-Jun-2004
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
16-Bit Dual Supply Bus Transceiver
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
16-Bit Dual Supply Bus Transceiver
logo
STMicroelectronics
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
16-Bit Dual-Supply Bus Transceiver
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
16-bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com