Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39BYGL Datasheet(PDF) 1 Page - promoco-motors.com

Part # 39BYGL
Description  Hybrid Linear Actuators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROMOCO [promoco-motors.com]
Direct Link  http://www.promoco-motors.com/index.php
Logo PROMOCO - promoco-motors.com

39BYGL Datasheet(HTML) 1 Page - promoco-motors.com

  39BYGL Datasheet HTML 1Page - promoco-motors.com  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hybrid Linear Actuators
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
39BYGL Series
Hybrid Stepping Motor Series
General Specifications
Customized solutions on request.
Electrical Specifications
Model
Step
distance
Motor
Length
Rate
Voltage
Rate
Current
Phase
Resistance
Phase
Inductance
Holding
Torque
Detent
Torque
Rotor
Inertia
Lead
Wire
Motor
Weight
mm/step
L (mm)
V
A
Ω
mH
mNm
mNm
kgmc2
NO.
kg
39BYGL215A
0.01
34
12
0.4
30
42
210
11.8
0.02
4
0.18
Mechanical Dimensions
Connection Diagram
Step Accuracy
±5%
Temperature Rise
80°C Max
Ambient Temperature Range
-20°C ~ +50°C
Insulation Resistance
100 MΩ Min. 500 VDC
Dielectric Strength
500 VAC 1s


Similar Part No. - 39BYGL

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
39BYG PROMOCO-39BYG Datasheet
326Kb / 1P
Hybrid Stepper Motor
39BYG003-03 PROMOCO-39BYG003-03 Datasheet
326Kb / 1P
Hybrid Stepper Motor
39BYG013 PROMOCO-39BYG013 Datasheet
326Kb / 1P
Hybrid Stepper Motor
logo
List of Unclassifed Man...
39BYG101 ETC-39BYG101 Datasheet
182Kb / 1P
HB Stepper Motors
39BYG101-01 ETC-39BYG101-01 Datasheet
182Kb / 1P
HB Stepper Motors
More results

Similar Description - 39BYGL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK0029 ETC-STK0029 Datasheet
18Kb / 1P
HYBRID LINEAR IC
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
Piezoelectric Actuators
logo
List of Unclassifed Man...
FAH4840-269128 ETC2-FAH4840-269128 Datasheet
1Mb / 21P
FAH4840 Haptic Driver for Linear Resonant Actuators (LRAs)
logo
M/A-COM Technology Solu...
PAW1027 MA-COM-PAW1027 Datasheet
66Kb / 1P
RF Linear Hybrid Amplifier
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
STEPPING ACTUATORS
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
Hybrid Linear Actuators
logo
Nippon Pulse America, I...
PJPL28 NPM-PJPL28 Datasheet
272Kb / 1P
Linear Hybrid Steppers
PJPL42 NPM-PJPL42 Datasheet
154Kb / 1P
Linear Hybrid Steppers
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com