Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM4004H-FL-YBW-R Datasheet(PDF) 8 Page - AZ Displays

Part # ACM4004H-FL-YBW-R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM4004H-FL-YBW-R Datasheet(HTML) 8 Page - AZ Displays

Back Button ACM4004H-FL-YBW-R Datasheet HTML 4Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 5Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 6Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 7Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 8Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 9Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 10Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 11Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ACM4004H-FL-YBW-R (AZ DISPLAYS) CHARACTER MODULE VER1.0
AZ DISPLAYS
7
6.0 PIN ASSIGNMENT
Pin No.
Symbol
Function
1
DB7
Data bit 7
2
DB6
Data bit6
3
DB5
Data bit5
4
DB4
Data bit4
5
DB3
Data bit3
6
DB2
Data bit2
7
DB1
Data bit1
8
DB0
Data bit0
9
E1
U1 enable
10
R/W
Read / Write
11
RS
Register select
12
Vo
LCD contrast adjust
13
Vss
Ground
14
Vdd
+5V
15
E2
U2 enable
16
NC
-
17
BL+
Power Supply for BL+(+5V)
18
BL-
Power Supply for BL-
7.0 POWER SUPPLY
VR
LCD
MODULE
10K-20K
Vdd
Vss
V0
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com