Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452702 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452702
Description  Printed-circuit board connector - BCVP-350R- 6 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452702 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452702 Datasheet HTML 1Page - PHOENIX CONTACT 5452702 Datasheet HTML 2Page - PHOENIX CONTACT 5452702 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452702
05/06/2016   Page 1 / 3
Printed-circuit board connector - BCVP-350R- 6 BK - 5452702
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 6, Pitch: 3.5 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
4.8 g
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002638


Similar Part No. - 5452702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452700 PHOENIX-5452700 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 4 BK
5452701 PHOENIX-5452701 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 5 BK
5452703 PHOENIX-5452703 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 7 BK
5452704 PHOENIX-5452704 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 8 BK
5452705 PHOENIX-5452705 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 9 BK
More results

Similar Description - 5452702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452698 PHOENIX-5452698 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 2 BK
5452699 PHOENIX-5452699 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 3 BK
5452701 PHOENIX-5452701 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 5 BK
5452704 PHOENIX-5452704 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 8 BK
5452707 PHOENIX-5452707 Datasheet
100Kb / 3P
Printed-circuit board connector - BCVP-350R-11 BK
5452712 PHOENIX-5452712 Datasheet
100Kb / 3P
Printed-circuit board connector - BCVP-350R-16 BK
5452710 PHOENIX-5452710 Datasheet
100Kb / 3P
Printed-circuit board connector - BCVP-350R-14 BK
5452711 PHOENIX-5452711 Datasheet
100Kb / 3P
Printed-circuit board connector - BCVP-350R-15 BK
5452703 PHOENIX-5452703 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 7 BK
5452705 PHOENIX-5452705 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-350R- 9 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com