Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5321 Datasheet(PDF) 2 Page - Silicon Microstructures, Inc.

Part # SM5321
Description  Gauge & Differential Pressure Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMI [Silicon Microstructures, Inc.]
Direct Link  https://www.si-micro.com/
Logo SMI - Silicon Microstructures, Inc.

SM5321 Datasheet(HTML) 2 Page - Silicon Microstructures, Inc.

  SM5321 Datasheet HTML 1Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 2Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 3Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 4Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 5Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 6Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 7Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 8Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 9Page - Silicon Microstructures, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Silicon Microstructures, Inc. 2001-2017. All rights reserved
+1-(408) 577-0100 | sales@si-micro.com I www.si-micro.com
27
45
131
167
170
175
169
0
61
DOC # 40DS5960.05
SM5221, SM5321 & SM5421 Series
www.si-micro.com
Absolute Maximum Ratings
All parameters are specified at Vdd = 3.3 V supply voltage at 25oC, unless otherwise noted.
No.
Characteristic
Symbol
Minimum
Typical
Maximum
Units
1
Supply Voltage
VDD
2.7
6.00
V
2
Supply Current
IVDD
4.00
mA
3
Update Period
2
mS
4
Compensated Temperature
-20
+85
°C
5
Operating Temperature(a)
TOP
-40
+105
°C
6
Storage Temperature(a)
TSTG
-40
-
+125
°C
7
Media Compatibility(a,b)
8
Proof Pressure(a, c)
PProof
12
psi
9
Burst Pressure(a, d)
PBurst
15
psi
Notes:
a. Tested on a sample basis.
b. Clean, dry gas compatible with wetted materials. Wetted materials include silicon, epoxy, RTV, gold and aluminum.
c. Proof pressure is defined as the maximum pressure to which the device can be taken and still perform within specifications after
returning to the operating pressure range
d. Burst pressure is the pressure at which the device suffers catastrophic failure resulting in pressure loss through the device.
Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com