Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9PC8045D-R101 Datasheet(PDF) 2 Page - SANYO DENKI CO., LTD.

Part # 9PC8045D-R101
Description  PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9PC8045D-R101 Datasheet(HTML) 2 Page - SANYO DENKI CO., LTD.

  9PC8045D-R101 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9PC8045D-R101 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9PC8045D-R101 Datasheet HTML 3Page - SANYO DENKI CO., LTD. 9PC8045D-R101 Datasheet HTML 4Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
549
CATALOG No. C1097B001 '20.1.IT
電源入力端子
グラウンド端子
サーミスタ接続端子
コントロール電圧入力端子
コントロール電圧グラウンド,
または可変抵抗接続端子
可変抵抗接続端子
PWM 信号出力端子
機能切替スイッチ
出力 PWM 電圧 VOH 切替スイッチ
調整つまみ
PWM 信号出力端子
出力 PWM 電圧
VOH切替スイッチ
温度設定スイッチ
(サーミスタコントロールのみ)
入力端子
Front View (component names)
Box type
PCB type
Ground terminal
Adjustment knob
Thermistor connection terminals
Variable resistor
connection terminals
Temperature selector switch
Input terminals
PWM signal output terminals
PWM output voltage
VOH selector switch
(for thermistor control model only)
Control function selector switch
PWM signal output terminals
PWM output voltage
VOH selector switch
Power supply input terminal
Control voltage
input terminal
Control voltage ground or
variable resistor
connection terminal
Connection Examples and PWM Signal Output Characteristics
Controller can be common-powered by the power supply for 12, 24, and 48 VDC rated voltage fans.
It can also be powered by a separate supply as long as both supplies share the same ground.
Output duty cycle controlled with input voltage of 0 to 5 VDC. *Ensure that the input voltage does not exceed 5.5 VDC.
Box type
PCB type (Model no.: 9PC8045D-V001)
Voltage control
PWM signal
DC power supply
Control voltage
+ GND
DC power supply
+ GND
Control voltage
+ GND
+
GND
PWM signal
20
40
60
80
2
0
1
100
4
3
5
(%)
Control voltage
(VDC)
Control Voltage -
Output Duty Cycle Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com