Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2036CPR Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SC2036CPR
Description  Voltage Rating 20 to 36 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC2036CPR Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SC2036CPR Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
10
Current Draw
12-25mA
Duty Cycle (%)
50
-40° to +85° C
6/6 Nylon, Color: Black
Housing Material
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
-30° to +65° C
Storage Temperature
Operating Temperature
Panel Mounting
SC2036CPR
E
Mallory Sonalert Products, Inc.
Sales Outline Drawing
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.8 oz (51g)
Options
Knurled Nut
Dimensions: Inches (mm)
NEMA 3R,4X, & 12
Please contact factory.
Weight (Typical)
Approved with use of ACC03.
78 to 82 dB(A) Typ.
Loudness @ Min Vdc
68 dB(A) @ 2 Feet and 20 Vdc
Loudness @ Max Vdc
74 dB(A) @ 2 Feet and 36 Vdc
Frequency
Specifications:
Medium
20 to 36 VDC
Voltage Rating
Sound Level Category
Mode of Operation
Single Pulse, Chime
1000 ± 100 Hz
Loudness @ 2 FT


Similar Part No. - SC2036CPR

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2036 FAIRVIEW-SC2036 Datasheet
36Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
More results

Similar Description - SC2036CPR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSE28LCH2S MSPI-MSE28LCH2S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCM1 MSPI-MSE28LCM1 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCM3 MSPI-MSE28LCM3 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LDD7 MSPI-MSE28LDD7 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LDP2 MSPI-MSE28LDP2 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LDP2S MSPI-MSE28LDP2S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LDT7 MSPI-MSE28LDT7 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LPS1S MSPI-MSE28LPS1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28MPS1S MSPI-MSE28MPS1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28MWH1S MSPI-MSE28MWH1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com