Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS168 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74LS168
Description  BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS168 Datasheet(HTML) 6 Page - ON Semiconductor

  74LS168 Datasheet HTML 1Page - ON Semiconductor 74LS168 Datasheet HTML 2Page - ON Semiconductor 74LS168 Datasheet HTML 3Page - ON Semiconductor 74LS168 Datasheet HTML 4Page - ON Semiconductor 74LS168 Datasheet HTML 5Page - ON Semiconductor 74LS168 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-6
FAST AND LS TTL DATA
SN54/74LS168
• SN54/74LS169
AC WAVEFORMS
Figure 1. Clock to Output Delays,
Count Frequency, and Clock Pulse Width
Figure 2. Count Enable Trickle Input
To Terminal Count Output Delays
Figure 3. Clock to Terminal Delays
Figure 4. Setup Time (ts) and Hold (th)
for Parallel Data Inputs
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
CP
Q OR TC
tPHL
tPLH
tPLH
tPHL
CET
TC
1/fmax
tW
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
ts(H)
ts(L)
th(L) = 0
th(H) = 0
Q0 • Q1 • Q2 • Q3
CP
TC
tPLH
tPHL
1.3 V
1.3 V
1.3 V
1.3 V
P0 • P1 • P2 • P3
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
SR OR PE
CP
U/D
TC
ts(L)
ts(H)
th(L) = 0
th(H) = 0
ts(H)
th(H) = 0
th(L) = 0
ts(H)
ts(L)
tPLH
tPHL
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
ts(L)
th(L) = 0
th(H) = 0
Figure 5. Setup Time and Hold Time for
Count Enable and Parallel Enable Inputs,
and Up-Down Control Inputs
Figure 6. Up-Down Input to
Terminal Count Output Delays
The shaded areas indicate when the
input is permitted to change for
predictable output performance.
CP
CEP
CET
CP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com