Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS30 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS30
Description  8-INPUT NAND GATE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS30 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS30 Datasheet HTML 1Page - ON Semiconductor 74LS30 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-1
FAST AND LS TTL DATA
8-INPUT NAND GATE
14
13
12
11
10
9
123456
VCC
8
7
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
–55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS30
8-INPUT NAND GATE
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - 74LS30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS30 NSC-74LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
Texas Instruments
74LS30 TI-74LS30 Datasheet
621Kb / 15P
8-INPUT POSITIVE-NAND GATES
logo
Fairchild Semiconductor
74LS30 FAIRCHILD-74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
74LS30 HITACHI-74LS30 Datasheet
43Kb / 5P
8-input Positive NAND Gate
logo
SYC Electronica
74LS30 SYC-74LS30 Datasheet
104Kb / 2P
8-INPUT NAND GATE LOW POWER SCHOTTKY
More results

Similar Description - 74LS30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com