Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  FRONT-GMSTB 2,5/10-STF-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 3, 2011
Extract from the online
catalog
 
FRONT-GMSTB 2,5/10-STF-7,62
Order No.: 1806083
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1806083
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 10, Pitch: 7.62 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
017918
046750
sales group
E113
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 267 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
09/08/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
68.58 mm
Number of positions
10
Screw thread
M3


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1805987 PHOENIX-1805987 Datasheet
95Kb / 8P
Printed-circuit board connector - FRONT-GMSTB 2,5/ 2-STF-7,62
1858798 PHOENIX-1858798 Datasheet
188Kb / 5P
GMSTB 2,5/ 5-STF-7,62
1875140 PHOENIX-1875140 Datasheet
88Kb / 2P
GMSTB 2,5/ 6-STF-7,62 AU
1806041 PHOENIX-1806041 Datasheet
78Kb / 6P
Printed-circuit board connector - FRONT-GMSTB 2,5/ 6-STF-7,62
1806106 PHOENIX-1806106 Datasheet
78Kb / 6P
Printed-circuit board connector - FRONT-GMSTB 2,5/12-STF-7,62
1858866 PHOENIX-1858866 Datasheet
130Kb / 5P
GMSTB 2,5/12-STF-7,62
1806038 PHOENIX-1806038 Datasheet
103Kb / 6P
Printed-circuit board connector - FRONT-GMSTB 2,5/ 5-STF-7,62
1806009 PHOENIX-1806009 Datasheet
77Kb / 6P
Plug - FRONT-GMSTB 2,5/ 4-STF-7,62
1858840 PHOENIX-1858840 Datasheet
70Kb / 5P
Printed-circuit board connector - GMSTB 2,5/10-STF-7,62
1808530 PHOENIX-1808530 Datasheet
55Kb / 4P
GMSTB 2,5/ 3-STF-7,62 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com