Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVRF06 Datasheet(PDF) 4 Page - TDK Electronics

Part # AVRF06
Description  ESD Notch Filters For wireless audio equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRF06 Datasheet(HTML) 4 Page - TDK Electronics

  AVRF06 Datasheet HTML 1Page - TDK Electronics AVRF06 Datasheet HTML 2Page - TDK Electronics AVRF06 Datasheet HTML 3Page - TDK Electronics AVRF06 Datasheet HTML 4Page - TDK Electronics AVRF06 Datasheet HTML 5Page - TDK Electronics AVRF06 Datasheet HTML 6Page - TDK Electronics AVRF06 Datasheet HTML 7Page - TDK Electronics AVRF06 Datasheet HTML 8Page - TDK Electronics AVRF06 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200528
(4/10)
notch-filter_commercial_avrf_en.fm
EMC Components
AVRF series
DISCHARGE VOLTAGE WAVEFORM (EXAMPLE)
DISCHARGE WAVEFORM WITHOUT ESD NOTCH FILTERS AND WITH ESD NOTCH FILTERS INSTALLED
Test conditions
150pF/330
 (IEC61000-4-2)
Contact discharge, Charged voltage 8kV
TEST CIRCUIT DIAGRAM
–50
0
50
100
150
200
250
300
Time(ns)
1600
1200
1000
800
400
600
200
–200
1800
1400
0
AVRF101U6R8KT242
Without Filter
AVRF061P160MT212
AVRF060W650MT102
AVRF060V600MT102
AVRF060X100LT242
AVRF060X8R2LT272
50
Discharge gun
ESD
simulator
Test
sample
Oscilloscope
60dB attenuator
I/O impedance: 50
ESD Simulator
Discharge
Point
ESD
Notch Filters
PCB
SMA
Connector
Coaxial
Cable
Attenuator(60dB)
50
Oscilloscope
50
Shield



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com